Moteur de recherche de fiches techniques de composants électroniques |
|
BZX55C5V1RL Fiches technique(PDF) 11 Page - Motorola, Inc |
|
BZX55C5V1RL Fiches technique(HTML) 11 Page - Motorola, Inc |
11 / 42 page GENERAL DATA — 500 mW DO-35 GLASS Motorola TVS/Zener Device Data 6-107 500 mW DO-35 Glass Data Sheet ELECTRICAL CHARACTERISTICS — continued (TA = 25°C unless otherwise noted. Based on dc measurements at thermal equi- librium; lead length = 3/8 ″; thermal resistance of heat sink = 30°C/W) VF = 1.1 Max @ IF = 200 mA for all types. JEDEC Nominal Zener Voltage VZ @IZT Test Current Max Zener Impedance (Note 4) Max Reverse Leakage Current Max Zener Voltage Temperature Coeff JEDEC Type No. (Note 1) VZ @ IZT Volts (Note 3) Current IZT mA ZZT @IZT Ohms ZZK @IZK = 0.25 mA Ohms IR µA VR Volts Temperature Coeff. θVZ (%/°C) (Note 2) 1N5266B 68 1.8 230 1600 0.1 52 +0.097 1N5267B 75 1.7 270 1700 0.1 56 +0.098 1N5268B 82 1.5 330 2000 0.1 62 +0.098 1N5269B 87 1.4 370 2200 0.1 68 +0.099 1N5270B 91 1.4 400 2300 0.1 69 +0.099 1N5271B 100 1.3 500 2600 0.1 76 +0.11 1N5272B 110 1.1 750 3000 0.1 84 +0.11 1N5273B 120 1 900 4000 0.1 91 +0.11 1N5274B 130 0.95 1100 4500 0.1 99 +0.11 1N5275B 140 0.9 1300 4500 0.1 106 +0.11 1N5276B 150 0.85 1500 5000 0.1 114 +0.11 1N5277B 160 0.8 1700 5500 0.1 122 +0.11 1N5278B 170 0.74 1900 5500 0.1 129 +0.11 1N5279B 180 0.68 2200 6000 0.1 137 +0.11 1N5280B 190 0.66 2400 6500 0.1 144 +0.11 1N5281B 200 0.65 2500 7000 0.1 152 +0.11 NOTE 1. TOLERANCE The JEDEC type numbers shown indicate a tolerance of ±5%. For tighter tolerance devices use suffixes “C” for ±2% and “D” for ±1%. NOTE 2. TEMPERATURE COEFFICIENT ( θVZ) Test conditions for temperature coefficient are as follows: a. IZT = 7.5 mA, T1 = 25°C, a. T2 = 125°C (1N5221B through 1N5242B). b. IZT = Rated IZT, T1 = 25°C, a. T2 = 125°C (1N5243B through 1N5281B). Device to be temperature stabilized with current applied prior to reading breakdown voltage at the specified ambient temperature. NOTE 3. ZENER VOLTAGE (VZ) MEASUREMENT Nominal zener voltage is measured with the device junction in thermal equilibrium at the lead temperature of 30 °C ±1°C and 3/8″ lead length. NOTE 4. ZENER IMPEDANCE (ZZ) DERIVATION ZZT and ZZK are measured by dividing the ac voltage drop across the device by the ac current applied. The specified limits are for IZ(ac) = 0.1 IZ(dc) with the ac frequency = 60 Hz. For more information on special selections contact your nearest Motorola representa- tive. |
Numéro de pièce similaire - BZX55C5V1RL |
|
Description similaire - BZX55C5V1RL |