Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55C3V6RL Fiches technique(PDF) 3 Page - Motorola, Inc

No de pièce BZX55C3V6RL
Description  500 mW DO-35 Glass Zener Voltage Regulator Diodes
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BZX55C3V6RL Fiches technique(HTML) 3 Page - Motorola, Inc

  BZX55C3V6RL Datasheet HTML 1Page - Motorola, Inc BZX55C3V6RL Datasheet HTML 2Page - Motorola, Inc BZX55C3V6RL Datasheet HTML 3Page - Motorola, Inc BZX55C3V6RL Datasheet HTML 4Page - Motorola, Inc BZX55C3V6RL Datasheet HTML 5Page - Motorola, Inc BZX55C3V6RL Datasheet HTML 6Page - Motorola, Inc BZX55C3V6RL Datasheet HTML 7Page - Motorola, Inc BZX55C3V6RL Datasheet HTML 8Page - Motorola, Inc BZX55C3V6RL Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
GENERAL DATA — 500 mW DO-35 GLASS
Motorola TVS/Zener Device Data
6-99
500 mW DO-35 Glass Data Sheet
+12
+10
+8
+6
+4
+2
0
–2
–4
2
345
67
8
9
10
11
12
VZ, ZENER VOLTAGE (VOLTS)
Figure 4a. Range for Units to 12 Volts
VZ @IZT
(NOTE 2)
RANGE
TEMPERATURE COEFFICIENTS
(–55
°C to +150°C temperature range; 90% of the units are in the ranges indicated.)
100
70
50
30
20
10
7
5
3
2
1
2
3
4
5
6
7
8
9
10
11
12
10
20
30
50
70
100
VZ, ZENER VOLTAGE (VOLTS)
Figure 4b. Range for Units 12 to 100 Volts
RANGE
VZ @IZ (NOTE 2)
120
130
140
150
160
170
180
190
200
200
180
160
140
120
100
VZ, ZENER VOLTAGE (VOLTS)
Figure 4c. Range for Units 120 to 200 Volts
VZ @IZT
(NOTE 2)
+6
+4
+2
0
–2
–4
3
4
56
78
VZ, ZENER VOLTAGE (VOLTS)
Figure 5. Effect of Zener Current
NOTE: BELOW 3 VOLTS AND ABOVE 8 VOLTS
NOTE: CHANGES IN ZENER CURRENT DO NOT
NOTE: AFFECT TEMPERATURE COEFFICIENTS
1mA
0.01 mA
VZ @IZ
TA =25°C
1000
500
200
100
50
20
10
5
2
1
1
2
5
10
20
50
100
VZ, ZENER VOLTAGE (VOLTS)
Figure 6a. Typical Capacitance 2.4–100 Volts
TA =25°C
0 V BIAS
1 V BIAS
50% OF
VZ BIAS
100
70
50
30
20
10
7
5
3
2
1
120
140
160
180
190
200
220
VZ, ZENER VOLTAGE (VOLTS)
Figure 6b. Typical Capacitance 120–200 Volts
TA =25°C
1 VOLT BIAS
50% OF VZ BIAS
0 BIAS
20 mA


Numéro de pièce similaire - BZX55C3V6RL

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BZX55C3V6RL ONSEMI-BZX55C3V6RL Datasheet
252Kb / 10P
   Hermetically Sealed Glass Zener Voltage Regulators
August, 2006 ??Rev. 1
More results

Description similaire - BZX55C3V6RL

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MZ4625 MOTOROLA-MZ4625 Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
1N4370A MOTOROLA-1N4370A Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Microsemi Corporation
1N5518B MICROSEMI-1N5518B Datasheet
324Kb / 3P
   Low Voltage Avalanche 500 mW Zener Diodes DO-35
logo
Tak Cheong Electronics ...
TCZX2V0 TAK_CHEONG-TCZX2V0 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5985B TAK_CHEONG-TC1N5985B Datasheet
93Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC2V0 TAK_CHEONG-TC2V0 Datasheet
171Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79C2V0 TAK_CHEONG-TCBZX79C2V0 Datasheet
180Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N957B TAK_CHEONG-1N957B_10 Datasheet
295Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com