Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55C3V6RL Fiches technique(PDF) 2 Page - Motorola, Inc

No de pièce BZX55C3V6RL
Description  500 mW DO-35 Glass Zener Voltage Regulator Diodes
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BZX55C3V6RL Fiches technique(HTML) 2 Page - Motorola, Inc

  BZX55C3V6RL Datasheet HTML 1Page - Motorola, Inc BZX55C3V6RL Datasheet HTML 2Page - Motorola, Inc BZX55C3V6RL Datasheet HTML 3Page - Motorola, Inc BZX55C3V6RL Datasheet HTML 4Page - Motorola, Inc BZX55C3V6RL Datasheet HTML 5Page - Motorola, Inc BZX55C3V6RL Datasheet HTML 6Page - Motorola, Inc BZX55C3V6RL Datasheet HTML 7Page - Motorola, Inc BZX55C3V6RL Datasheet HTML 8Page - Motorola, Inc BZX55C3V6RL Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
GENERAL DATA — 500 mW DO-35 GLASS
Motorola TVS/Zener Device Data
6-98
500 mW DO-35 Glass Data Sheet
APPLICATION NOTE — ZENER VOLTAGE
Since the actual voltage available from a given zener diode
is temperature dependent, it is necessary to determine junc-
tion temperature under any set of operating conditions in order
to calculate its value. The following procedure is recom-
mended:
Lead Temperature, TL, should be determined from:
TL = θLAPD + TA.
θLAisthelead-to-ambientthermalresistance(°C/W)andPDis
the power dissipation. The value for
θLA will vary and depends
on the device mounting method.
θLA is generally 30 to 40°C/W
for the various clips and tie points in common use and for
printed circuit board wiring.
The temperature of the lead can also be measured using a
thermocouple placed on the lead as close as possible to the tie
point. The thermal mass connected to the tie point is normally
large enough so that it will not significantly respond to heat
surges generated in the diode as a result of pulsed operation
once steady-state conditions are achieved. Using the mea-
sured value of TL, the junction temperature may be deter-
mined by:
TJ = TL + ∆TJL.
∆TJL is the increase in junction temperature above the lead
temperature and may be found from Figure 2 for dc power:
∆TJL = θJLPD.
For worst-case design, using expected limits of IZ, limits of
PD and the extremes of TJ(∆TJ) may be estimated. Changes in
voltage, VZ, can then be found from:
∆V = θVZTJ.
θVZ, the zener voltage temperature coefficient, is found from
Figures 4 and 5.
Under high power-pulse operation, the zener voltage will
vary with time and may also be affected significantly by the
zener resistance. For best regulation, keep current excursions
as low as possible.
Surge limitations are given in Figure 7. They are lower than
would be expected by considering only junction temperature,
as current crowding effects cause temperatures to be ex-
tremely high in small spots, resulting in device degradation
should the limits of Figure 7 be exceeded.
LL
500
400
300
200
100
0
0
0.2
0.4
0.6
0.8
1
2.4–60 V
62–200 V
L, LEAD LENGTH TO HEAT SINK (INCH)
Figure 2. Typical Thermal Resistance
TYPICAL LEAKAGE CURRENT
AT 80% OF NOMINAL
BREAKDOWN VOLTAGE
+25
°C
+125
°C
1000
7000
5000
2000
1000
700
500
200
100
70
50
20
10
7
5
2
1
0.7
0.5
0.2
0.1
0.07
0.05
0.02
0.01
0.007
0.005
0.002
0.001
34
5
6
7
8
9
10
11
12
13
14
15
VZ, NOMINAL ZENER VOLTAGE (VOLTS)
Figure 3. Typical Leakage Current


Numéro de pièce similaire - BZX55C3V6RL

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BZX55C3V6RL ONSEMI-BZX55C3V6RL Datasheet
252Kb / 10P
   Hermetically Sealed Glass Zener Voltage Regulators
August, 2006 ??Rev. 1
More results

Description similaire - BZX55C3V6RL

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MZ4625 MOTOROLA-MZ4625 Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
1N4370A MOTOROLA-1N4370A Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Microsemi Corporation
1N5518B MICROSEMI-1N5518B Datasheet
324Kb / 3P
   Low Voltage Avalanche 500 mW Zener Diodes DO-35
logo
Tak Cheong Electronics ...
TCZX2V0 TAK_CHEONG-TCZX2V0 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5985B TAK_CHEONG-TC1N5985B Datasheet
93Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC2V0 TAK_CHEONG-TC2V0 Datasheet
171Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79C2V0 TAK_CHEONG-TCBZX79C2V0 Datasheet
180Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N957B TAK_CHEONG-1N957B_10 Datasheet
295Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com