Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55C3V6RL Fiches technique(PDF) 4 Page - Motorola, Inc

No de pièce BZX55C3V6RL
Description  500 mW DO-35 Glass Zener Voltage Regulator Diodes
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BZX55C3V6RL Fiches technique(HTML) 4 Page - Motorola, Inc

  BZX55C3V6RL Datasheet HTML 1Page - Motorola, Inc BZX55C3V6RL Datasheet HTML 2Page - Motorola, Inc BZX55C3V6RL Datasheet HTML 3Page - Motorola, Inc BZX55C3V6RL Datasheet HTML 4Page - Motorola, Inc BZX55C3V6RL Datasheet HTML 5Page - Motorola, Inc BZX55C3V6RL Datasheet HTML 6Page - Motorola, Inc BZX55C3V6RL Datasheet HTML 7Page - Motorola, Inc BZX55C3V6RL Datasheet HTML 8Page - Motorola, Inc BZX55C3V6RL Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
GENERAL DATA — 500 mW DO-35 GLASS
Motorola TVS/Zener Device Data
6-100
500 mW DO-35 Glass Data Sheet
100
70
50
30
20
10
7
5
3
2
1
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
PW, PULSE WIDTH (ms)
5% DUTY CYCLE
10% DUTY CYCLE
20% DUTY CYCLE
11 V–91 V NONREPETITIVE
1.8 V–10 V NONREPETITIVE
RECTANGULAR
WAVEFORM
TJ =25°C PRIOR TO
INITIAL PULSE
Figure 7a. Maximum Surge Power 1.8–91 Volts
1000
700
500
300
200
100
70
50
30
20
10
7
5
3
2
1
0.01
0.1
1
10
100
1000
PW, PULSE WIDTH (ms)
Figure 7b. Maximum Surge Power DO-204AH
100–200 Volts
1000
500
200
100
50
20
10
1
2
5
0.1
0.2
0.5
1
2
5
10
20
50
100
IZ, ZENER CURRENT (mA)
Figure 8. Effect of Zener Current on
Zener Impedance
1000
700
500
200
100
70
50
20
10
7
5
2
1
1
2
3
5
7
10
20
30
50
70 100
VZ, ZENER VOLTAGE (VOLTS)
Figure 9. Effect of Zener Voltage on Zener Impedance
Figure 10. Typical Forward Characteristics
RECTANGULAR
WAVEFORM, TJ =25°C
100–200 VOLTS NONREPETITIVE
TJ =25°C
iZ(rms) = 0.1 IZ(dc)
f = 60 Hz
IZ =1 mA
5mA
20 mA
TJ =25°C
iZ(rms) = 0.1 IZ(dc)
f = 60 Hz
VZ = 2.7 V
47 V
27 V
6.2 V
VF, FORWARD VOLTAGE (VOLTS)
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1000
500
200
100
50
20
10
5
2
1
MINIMUM
MAXIMUM
150
°C
75
°C
0
°C
25
°C


Numéro de pièce similaire - BZX55C3V6RL

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BZX55C3V6RL ONSEMI-BZX55C3V6RL Datasheet
252Kb / 10P
   Hermetically Sealed Glass Zener Voltage Regulators
August, 2006 ??Rev. 1
More results

Description similaire - BZX55C3V6RL

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MZ4625 MOTOROLA-MZ4625 Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
1N4370A MOTOROLA-1N4370A Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Microsemi Corporation
1N5518B MICROSEMI-1N5518B Datasheet
324Kb / 3P
   Low Voltage Avalanche 500 mW Zener Diodes DO-35
logo
Tak Cheong Electronics ...
TCZX2V0 TAK_CHEONG-TCZX2V0 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5985B TAK_CHEONG-TC1N5985B Datasheet
93Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC2V0 TAK_CHEONG-TC2V0 Datasheet
171Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79C2V0 TAK_CHEONG-TCBZX79C2V0 Datasheet
180Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N957B TAK_CHEONG-1N957B_10 Datasheet
295Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com