Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Si5344 Fiches technique(PDF) 7 Page - Silicon Laboratories

No de pièce Si5344
Description  10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5344 Fiches technique(HTML) 7 Page - Silicon Laboratories

Back Button Si5344 Datasheet HTML 3Page - Silicon Laboratories Si5344 Datasheet HTML 4Page - Silicon Laboratories Si5344 Datasheet HTML 5Page - Silicon Laboratories Si5344 Datasheet HTML 6Page - Silicon Laboratories Si5344 Datasheet HTML 7Page - Silicon Laboratories Si5344 Datasheet HTML 8Page - Silicon Laboratories Si5344 Datasheet HTML 9Page - Silicon Laboratories Si5344 Datasheet HTML 10Page - Silicon Laboratories Si5344 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
3.4.5 Holdover Mode
The DSPLL will automatically enter holdover mode when the selected input clock becomes invalid and no other valid input clocks are
available for selection. The DSPLL uses an averaged input clock frequency as its final holdover frequency to minimize the disturbance
of the output clock phase and frequency when an input clock suddenly fails. The holdover circuit for the DSPLL stores up to 120 sec-
onds of historical frequency data while locked to a valid clock input. The final averaged holdover frequency value is calculated from a
programmable window within the stored historical frequency data. Both the window size and the delay are programmable as shown in
the figure below. The window size determines the amount of holdover frequency averaging. The delay value allows ignoring frequency
data that may be corrupt just before the input clock failure.
Programmable delay
Clock Failure and Entry
into Holdover
time
0s
Historical Frequency Data Collected
Programmable historical data window used to
determine the final holdover value
120s
1s,10s, 30s, 60s
30ms, 60ms, 1s,10s, 30s, 60s
Figure 3.2. Programmable Holdover Window
When entering holdover, the DSPLL will pull its output clock frequency to the calculated averaged holdover frequency. While in hold-
over, the output frequency drift is entirely dependent on the external crystal or external reference clock connected to the XA/XB pins. If
the clock input becomes valid, the DSPLL will automatically exit the holdover mode and re-acquire lock to the new input clock. This
process involves pulling the output clock frequency to achieve frequency and phase lock with the input clock. This pull-in process is
glitchless and its rate is controlled by the DSPLL or the Fastlock bandwidth.
The DSPLL output frequency when exiting holdover can be ramped (recommend). Just before the exit is initiated, the difference be-
tween the current holdover frequency and the new desired frequency is measured. Using the calculated difference and a user-selecta-
ble ramp rate, the output is linearly ramped to the new frequency. The ramp rate can be 0.2 ppm/s, 40,000 ppm/s, or any of about 40
values in between. The DSPLL loop BW does not limit or affect ramp rate selections (and vice versa). CBPro defaults to ramped exit
from holdover. The same ramp rate settings are used for both exit from holdover and ramped input switching. For more information on
ramped input switching, see 3.7.4 Ramped Input Switching.
Note: If ramped holdover exit is not selected, the holdover exit is governed either by (1) the DSPLL loop BW or (2) a user-selectable
holdover exit BW.
3.5 External Reference (XA/XB)
An external crystal (XTAL) is used in combination with the internal oscillator (OSC) to produce an ultra low jitter reference clock for the
DSPLL and for providing a stable reference for the free-run and holdover modes. A simplified diagram is shown in Figure 3.3 Crystal
Resonator and External Reference Clock Connection Options on page 7. The device includes internal XTAL loading capacitors
which eliminates the need for external capacitors and also has the benefit of reduced noise coupling from external sources. Refer to
Table 5.12 Crystal Specifications on page 36 for crystal specifications. A crystal in the range of 48 MHz to 54 MHz is recommended
for best jitter performance. Frequency offsets due to CL mismatch can be adjusted using the frequency adjustment feature which allows
frequency adjustments of ±200 ppm. The Si5345/44/42 Family Reference Manual provides additional information on PCB layout recom-
mendations for the crystal to ensure optimum jitter performance.
To achieve optimal jitter performance and minimize BOM cost, a crystal is recommended on the XA/XB reference input. For SyncE line
card PLL applications (e.g. loop bandwidth set to 0.1 Hz), a TCXO is required on the XA/XB reference to minimize wander and to pro-
vide a stable holdover reference. See the Si5345/44/42 Family Reference Manual for more information. Selection between the external
XTAL or REFCLK is controlled by register configuration. The internal crystal loading capacitors (CL) are disabled in the REFCLK mode.
Refer to Table 5.3 Input Clock Specifications on page 25 for REFCLK requirements when using this mode. A PREF divider is availa-
ble to accommodate external clock frequencies higher than 54 MHz. Frequencies in the range of 48 MHz to 54 MHz will achieve the
best output jitter performance.
Si5345/44/42 Rev D Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 6


Numéro de pièce similaire - Si5344

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5344 SILABS-SI5344 Datasheet
1Mb / 62P
   10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5344 SKYWORKS-SI5344 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
SI5344-D-EVB SKYWORKS-SI5344-D-EVB Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
logo
Silicon Laboratories
SI5344-EVB SILABS-SI5344-EVB Datasheet
3Mb / 19P
   Powered from USB port or external power supply
logo
Skyworks Solutions Inc.
SI5344A-D-GM1 SKYWORKS-SI5344A-D-GM1 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
More results

Description similaire - Si5344

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5345 SILABS-SI5345 Datasheet
1Mb / 62P
   10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
SI5395 SKYWORKS-SI5395 Datasheet
1Mb / 61P
   12-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier with Ultra-Low Jitter
Rev. 1.2
logo
Silicon Laboratories
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5326 SKYWORKS-SI5326 Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com