Moteur de recherche de fiches techniques de composants électroniques |
|
Si5341B-D-GM Fiches technique(PDF) 3 Page - Silicon Laboratories |
|
Si5341B-D-GM Fiches technique(HTML) 3 Page - Silicon Laboratories |
3 / 53 page 2. Ordering Guide Table 2.1. Si5341/40 Ordering Guide Ordering Part Number (OPN) Number of In- put/Output Clocks Output Clock Frequency Range (MHz) Frequency Syn- thesis Mode Package Temperature Range Si5341 Si5341A-D-GM1, 2 4/10 0.0001 to 1028 MHz Integer and Fractional 64-QFN 9x9 mm –40 to 85 °C Si5341B-D-GM1, 2 0.0001 to 350 MHz Si5341C-D-GM1, 2 0.0001 to 1028 MHz Integer Only Si5341D-D-GM1, 2 0.0001 to 350 MHz Si5340 Si5340A-D-GM1, 2 4/4 0.0001 to 1028 MHz Integer and Fractional 44-QFN 7x7 mm –40 to 85 °C Si5340B-D-GM1, 2 0.0001 to 350 MHz Si5340C-D-GM1, 2 0.0001 to 1028 MHz Integer Only Si5340D-D-GM1, 2 0.0001 to 350 MHz Si5341/40-D-EVB Si5341-D-EVB — — — Evaluation Board — Si5340-D-EVB Note: 1. Add an R at the end of the OPN to denote tape and reel ordering options. 2. Custom, factory pre-programmed devices are available. Ordering part numbers are assigned by Silicon Labs and the ClockBuild- er Pro software utility. Custom part number format is: e.g., Si5341A-Dxxxxx-GM, where "xxxxx" is a unique numerical sequence representing the preprogrammed configuration. 3. See 3.9 Custom Factory Preprogrammed Devicesand 3.10 Enabling Features and/or Configuration Settings Not Available in ClockBuilder Pro for Factory Pre-Programmed Devices for important notes about specifying a preprogrammed device to use fea- tures or device register settings not yet available in CBPro. Si5341/40 Rev D Data Sheet Ordering Guide silabs.com | Smart. Connected. Energy-friendly. Rev. 1.0 | 2 |
Numéro de pièce similaire - Si5341B-D-GM |
|
Description similaire - Si5341B-D-GM |