Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC849 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce BC849
Description  SOT23 PNP SILICON PLANAR GENERAL PURPOSE TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

BC849 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  BC849 Datasheet HTML 1Page - List of Unclassifed Manufacturers BC849 Datasheet HTML 2Page - List of Unclassifed Manufacturers BC849 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
BC856 BC857 BC858 BC859 BC860
UNIT CONDITIONS.
Static
Group VI
Forward
Current Ratio
hFE
Min
Typ
Max
75
110
150
75
110
150
75
110
150
–
–
–
–
–
–
IC=-2mA,
VCE=-5V
Group A
hFE
Typ
90
90
90
–
–
IC=-0.01mA,VCE=-5V
Min
Typ
Max
125
180
250
IC=-2mA,
VCE=-5V
Typ
120
120
120
–
–
IC=-100mA,VCE=-5V
Group B
hFE
Typ
150
IC=-0.01mA,VCE=-5V
Min
Typ
Max
220
290
475
IC=-2mA,
VCE=-5V
Typ
200
200
200
–
–
IC=-100mA,VCE=-5V
Group C
hFE
Typ.
–
270
270
270
270
IC=-0.01mA,
VCE=-5V
Min
Typ
Max
–
–
–
420
500
800
420
500
800
420
500
800
420
500
800
IC=-2mA,
VCE=-5V
Typ
–
–
400
–
–
IC=-100mA,VCE=-5V
Transition Frequency
fT
Typ
150
150
150
300
300 MHz IC=-10mA,VCE=-5V
f=100MHz
Collector-Base
Capacitance
Cobo
Typ
4.5
pF
VCB=-10V,
f=1MHz
Spice parameter data is available upon request for these devices
BC856
BC857
BC858
BC859
BC860


Numéro de pièce similaire - BC849

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC849 PHILIPS-BC849 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 08
logo
Guangdong Kexin Industr...
BC849 KEXIN-BC849 Datasheet
40Kb / 2P
   NPN General Purpose Transistors
logo
Diotec Semiconductor
BC849 DIOTEC-BC849 Datasheet
144Kb / 2P
   SMD General Purpose NPN Transistors
logo
Fairchild Semiconductor
BC849 FAIRCHILD-BC849 Datasheet
68Kb / 3P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Dc Components
BC849 DCCOM-BC849 Datasheet
228Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
More results

Description similaire - BC849

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FMMT4402 ETC-FMMT4402 Datasheet
30Kb / 2P
   SOT23 PNP SILICON PLANAR GENERAL PURPOSE TRANSISTOR
logo
Zetex Semiconductors
FMMT4402 ZETEX-FMMT4402 Datasheet
33Kb / 2P
   SOT23 PNP SILICON PLANAR GENERAL PURPOSE TRANSISTOR
FMMT4400 ZETEX-FMMT4400 Datasheet
30Kb / 2P
   SOT23 NPN SILICON PLANAR GENERAL PURPOSE TRANSISTORS
logo
List of Unclassifed Man...
BC846 ETC-BC846 Datasheet
35Kb / 3P
   SOT23 NPN SILICON PLANAR GENERAL PURPOSE TRANSISTORS
ZTX214 ETC-ZTX214 Datasheet
144Kb / 4P
   PNP SILICON PLANAR GENERAL PURPOSE TRANSISTORS
logo
Diodes Incorporated
FMMT3905 DIODES-FMMT3905 Datasheet
179Kb / 2P
   SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
Zetex Semiconductors
FMMT3906 ZETEX-FMMT3906 Datasheet
174Kb / 2P
   SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
ATMEL Corporation
FMMTA63 ATMEL-FMMTA63 Datasheet
51Kb / 1P
   SOT23 PNP SILICON PLANAR DARLINGTON TRANSISTORS
logo
Diodes Incorporated
BCV26 DIODES-BCV26 Datasheet
51Kb / 1P
   SOT23 PNP SILICON PLANAR DARLINGTON TRANSISTORS
SEPTEMBER 1995
logo
Zetex Semiconductors
BSS80B ZETEX-BSS80B Datasheet
29Kb / 1P
   SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com