Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL33C Fiches technique(PDF) 1 Page - GOOD-ARK Electronics

No de pièce SL33C
Description  Surface Mount Schottky Barrier Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GOOD-ARK [GOOD-ARK Electronics]
Site Internet  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SL33C Fiches technique(HTML) 1 Page - GOOD-ARK Electronics

  SL33C Datasheet HTML 1Page - GOOD-ARK Electronics SL33C Datasheet HTML 2Page - GOOD-ARK Electronics SL33C Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
SL32C thru SL310C 
www.goodark.com                                  1 / 3
                                    rev.1 
 
Surface Mount Schottky Barrier Rectifier
FEATURES
Ideal for automated placement
Low forward voltage drop
Low leakage current
Meets environmental standard MIL-S-19500D
Moisture sensitivity:level 1, per J-STD-020
Solder dip 275 °C, 10 s
Compliant to RoHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in general purpose rectification of lighting, power supplies, inverters, converters and
freewheeling diodes for consumer, automotive and telecommunication.
MECHANICAL DATA
Case:
DO-214AB, molded epoxy body,Epoxy meets UL 94V-0 flammability rating
Terminals:
Matte tin plated leads, solderable per J-STD-002 and JESD22B-106
Polarity:
Laser Band Denotes Cathode Band
MAXIMUM RATINGS
(TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SL32C
SL33C
SL34C
SL35C
SL36C
SL37C
SL38C
SL39C
SL310
C
UNIT
Maximum repetitive peak
reverse voltage
VRRM
20
30
40
50
60
70
80
90
100
V
Maximum RMS voltage
VRMS
14
21
28
35
42
49
56
63
70
V
Maximum DC blocking
voltage
VDC
20
30
40
50
60
70
80
90
100
V
Maximum average forward
rectified current at
TL(See Fig.1)
IF(AV)
3
A
Peak forward surge current
8.3 ms single half sine-wave
superimposed on rated load
IFSM
80
A
Operating junction
temperature range
TJ
- 55 to + 125
- 55 to + 150
°C
Storage temperature range
TSTG
- 55 to + 150
°C
PRIMARY CHARACTERISTICS
IF(AV)
3 A
VRRM
20 V to 100 V
IFSM
80A
VF
0.42V,0.5V,0.75V
TJ max.
125 °C ,150 °C,175 °C
 
DO‐214AB(SMC)


Numéro de pièce similaire - SL33C

FabricantNo de pièceFiches techniqueDescription
logo
Microdiode Electronics ...
SL33C CHENDA-SL33C Datasheet
262Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SL33C CHENDA-SL33C Datasheet
1Mb / 3P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
logo
First Silicon Co., Ltd
SL33C FS-SL33C Datasheet
187Kb / 3P
   Surface Mount Schottky Barrier Rectifier
More results

Description similaire - SL33C

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com