Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF-07S03 Fiches technique(PDF) 2 Page - Minmax Technology Co., Ltd.

No de pièce ADF-07S03
Description  AC/DC Power Module 7W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINMAX [Minmax Technology Co., Ltd.]
Site Internet  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

ADF-07S03 Fiches technique(HTML) 2 Page - Minmax Technology Co., Ltd.

  ADF-07S03 Datasheet HTML 1Page - Minmax Technology Co., Ltd. ADF-07S03 Datasheet HTML 2Page - Minmax Technology Co., Ltd. ADF-07S03 Datasheet HTML 3Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ADF-07 SERIES
AC/DC POWER MODULE 7W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2016/08/30 REV:17
Page 2 of 3
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage
Input to Output, 60 Seconds
3000
---
---
VACrms
I/O Isolation Resistance
500 VDC
100
---
---
Switching Frequency
---
100
---
KHz
Hold-up Time
---
20
---
ms
MTBF (calculated)
MIL-HDBK-217F@25℃, Ground Benign
330,000
Hours
Protection Class II
According IEC/EN 60536
Safety Approvals
UL/cUL 60950-1 recognition(UL certificate) , IEC/EN 60950-1(CB-report)
Environmental Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating Ambient Temperature Range
Natural Convection
-25
---
+70
Storage Temperature Range
-40
---
+85
Power Derating
+50℃ to +70℃
0.263
W / ℃
Thermal Shutdown
Shutdown, Internal IC Junction Temperature
---
142
---
Automatic Recovery, Internal IC Junction Temperature
---
67
---
Humidity (non condensing)
---
---
95
% rel. H
Cooling
Natural Convection
Lead Temperature (1.5mm from case for 10Sec.)
---
---
260
EMC Specifications
Parameter
Standards & Level
Performance
EMI
Conduction and Radiation
EN55014-1, EN55022, FCC part 15
Class B
EMS
EN55014-2 ,EN55024
ESD
EN61000-4-2 Air ± 8kV , Contact ± 4kV
B
Radiated immunity
EN61000-4-3 10V/m
A
Fast transient
EN61000-4-4 ±2kV
B
Surge
EN61000-4-5 ±1kV
B
Conducted immunity
EN61000-4-6 10Vrms
B
PFMF
EN61000-4-8 30A/m
A
Dips
EN61000-4-11 30% 10ms
B
Interruptions
EN61000-4-11 >95% 5000ms
C
Notes
1
Specifications typical at Ta=+25℃, resistive load, 115VAC, 60Hz input voltage and after warm-up time rated output current unless otherwise noted.
2
These power modules require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage the power
supplies however they may not meet all listed specifications.
3
We recommend to protect the converter by a slow blow fuse in the input supply line.
4
Other input and output voltage may be available, please contact factory.
5
Specifications are subject to change without notice


Numéro de pièce similaire - ADF-07S03

FabricantNo de pièceFiches techniqueDescription
logo
Minmax Technology Co., ...
ADF-07S03 MINMAX-ADF-07S03 Datasheet
159Kb / 4P
   7 Watts Universal Input Range AC/DC Power Modules
ADF-07S03 MINMAX-ADF-07S03 Datasheet
249Kb / 3P
   AC/DC Power Module 7W Ultra -compact Dimensions
More results

Description similaire - ADF-07S03

FabricantNo de pièceFiches techniqueDescription
logo
Chinfa Electronics Ind....
KAS07 CHINFA-KAS07 Datasheet
173Kb / 4P
   AC-DC POWER MODULE 7W SINGLE OUTPUT
logo
Minmax Technology Co., ...
ADF-07 MINMAX-ADF-07_11 Datasheet
249Kb / 3P
   AC/DC Power Module 7W Ultra -compact Dimensions
logo
Delta Electronics, Inc.
AA07S0300A DELTA-AA07S0300A Datasheet
212Kb / 5P
   7W Single Output AC/DC converter
AA07S DELTA-AA07S Datasheet
213Kb / 4P
   7W Single Output AC/DC converter
logo
Arch Electronics Corp.
AFC-E1 ARCH-AFC-E1 Datasheet
495Kb / 5P
   AC-DC Power Module
AOC ARCH-AOC Datasheet
117Kb / 3P
   AC-DC Power Module
AHC-E1 ARCH-AHC-E1_12 Datasheet
273Kb / 3P
   AC-DC Power Module
AFC ARCH-AFC Datasheet
495Kb / 5P
   AC-DC Power Module
AEC60 ARCH-AEC60_12 Datasheet
321Kb / 3P
   AC-DC Power Module
AHC08 ARCH-AHC08 Datasheet
216Kb / 4P
   AC-DC Power Module
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com