Moteur de recherche de fiches techniques de composants électroniques |
|
KIC3213MF17 Fiches technique(PDF) 2 Page - KEC(Korea Electronics) |
|
KIC3213MF17 Fiches technique(HTML) 2 Page - KEC(Korea Electronics) |
2 / 9 page 2013. 5. 28 2/9 KIC3213MF/T12~33 Revision No : 2 VIN GND VREF VEN VOUT PWTR R A RB ON/OFF Control Error Amp Fold - back Circuit & CurrentLimit Block Reference Voltage Block Diagram Selection Guide The output voltage, package type for the ICs can be selected at the user s request. The selection can be made with designating the part number as shown below; KIC3213 □ □ □ □□ □ ← Part Number a bc Code Contents a Item name KIC3213 : 150mA CMOS LDO b Designation of Package Type : MF : UDFN1010-4 T : TSV c Setting Output Voltage (VOUT) : Stepwise setting with a step of 0.1V in the range of 1.2V to 3.3V is possible. CIN=0.47µF Ceramic COUT=0.47µF Ceramic VIN VEN KIC3213 Series GND VOUT Active High : Output ON Application Circuit Stability with ceramic output capacitors Recommended VEN Operating Range CIN = COUT = 0.47㎌ VIN ≥ VEN |
Numéro de pièce similaire - KIC3213MF17 |
|
Description similaire - KIC3213MF17 |