Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM8S36A Fiches technique(PDF) 2 Page - Shunye Enterprise

No de pièce SM8S36A
Description  Surface Mount Automotive Transient Voltage Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHUNYE [Shunye Enterprise]
Site Internet  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shunye Enterprise

SM8S36A Fiches technique(HTML) 2 Page - Shunye Enterprise

  SM8S36A Datasheet HTML 1Page - Shunye Enterprise SM8S36A Datasheet HTML 2Page - Shunye Enterprise SM8S36A Datasheet HTML 3Page - Shunye Enterprise  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics (TC = 25°C unless otherwise noted)
Maximum
Maximum
Max. Peak
Maximum
Reverse
Reverse
Pulse
Clamping
Device Type
Breakdown Voltage
Test Current
Stand-off
Leakage
Leakage
Current
Voltage at
V(BR)
IT
Voltage
at VWM
at VWM
at 10/1000µsIPPM
(V)
VWM
ID
Tc = 175oC
Waveform
VC
Min.
Max.
(mA)
(V)
(µA)
ID(µA)
(A)
(V)
SM8S10
11.1
13.6
5.0
10
15
250
351
18.8
SM8S10A
11.1
12.3
5.0
10
15
250
388
17.0
SM8S11
12.2
14.9
5.0
11
10
150
328
20.1
SM8S11A
12.2
13.5
5.0
11
10
150
363
18.2
SM8S12
13.3
16.3
5.0
12
10
150
300
22.0
SM8S12A
13.3
14.7
5.0
12
10
150
332
19.9
SM8S13
14.4
17.6
5.0
13
10
150
277
23.8
SM8S13A
14.4
15.9
5.0
13
10
150
307
21.5
SM8S14
15.6
19.1
5.0
14
10
150
256
25.8
SM8S14A
15.6
17.2
5.0
14
10
150
284
23.2
SM8S15
16.7
20.4
5.0
15
10
150
245
26.9
SM8S15A
16.7
18.5
5.0
15
10
150
270
24.4
SM8S16
17.8
21.8
5.0
16
10
150
229
28.8
SM8S16A
17.8
19.7
5.0
16
10
150
254
26.0
SM8S17
18.9
23.1
5.0
17
10
150
216
30.5
SM8S17A
18.9
20.9
5.0
17
10
150
239
27.6
SM8S18
20.0
24.4
5.0
18
10
150
205
32.2
SM8S18A
20.0
22.1
5.0
18
10
150
226
29.2
SM8S20
22.2
27.1
5.0
20
10
150
184
35.8
SM8S20A
22.2
24.5
5.0
20
10
150
204
32.4
SM8S22
24.4
29.8
5.0
22
10
150
168
39.4
SM8S22A
24.4
26.9
5.0
22
10
150
186
35.5
SM8S24
26.7
32.6
5.0
24
10
150
153
43.0
SM8S24A
26.7
29.5
5.0
24
10
150
170
38.9
SM8S26
28.9
35.3
5.0
26
10
150
142
46.6
SM8S26A
28.9
31.9
5.0
26
10
150
157
42.1
SM8S28
31.1
38.0
5.0
28
10
150
132
50.1
SM8S28A
31.1
34.4
5.0
28
10
150
145
45.4
SM8S30
33.3
40.7
5.0
30
10
150
123
53.5
SM8S30A
33.3
36.8
5.0
30
10
150
136
48.4
SM8S33
36.7
44.9
5.0
33
10
150
112
59.0
SM8S33A
36.7
40.6
5.0
33
10
150
124
53.3
SM8S36
40.0
48.9
5.0
36
10
150
103
64.3
SM8S36A
40.0
44.2
5.0
36
10
150
114
58.1
SM8S40
44.4
54.3
5.0
40
10
150
92.4
71.4
SM8S40A
44.4
49.1
5.0
40
10
150
102
64.5
SM8S43
47.8
58.4
5.0
43
10
150
86.0
76.7
SM8S43A
47.8
52.8
5.0
43
10
150
95.1
69.4
Note: For all types maximum VF = 1.8V at IF = 100A measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum
www.shunyegroup.com.cn


Numéro de pièce similaire - SM8S36A

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SM8S36A VISHAY-SM8S36A Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
logo
SUNMATE electronic Co.,...
SM8S36A SUNMATE-SM8S36A Datasheet
201Kb / 3P
   SURFACE MOUNT Automotive transient voltage suppressors
logo
Shanghai Leiditech Elec...
SM8S36A LEIDITECH-SM8S36A Datasheet
1Mb / 6P
   6600W Transient Voltage Suppressor
logo
Vishay Siliconix
SM8S36A VISHAY-SM8S36A Datasheet
115Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
logo
SUNMATE electronic Co.,...
SM8S36A SUNMATE-SM8S36A Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
More results

Description similaire - SM8S36A

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SM8S VISHAY-SM8S Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
3KASMC10 VISHAY-3KASMC10_08 Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
SM5A27 VISHAY-SM5A27 Datasheet
104Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
SM5S VISHAY-SM5S Datasheet
27Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
SM6S VISHAY-SM6S Datasheet
42Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
01-Aug-02
TPSMB43A VISHAY-TPSMB43A Datasheet
102Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 10-May-07
logo
Shunye Enterprise
SM5S36A SHUNYE-SM5S36A Datasheet
656Kb / 2P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Changzhou Shunye Electr...
SM8S10 SY-SM8S10 Datasheet
198Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
SM8S10ACA SUNMATE-SM8S10ACA Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
TPC43A VISHAY-TPC43A Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 04-Aug-08
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com