Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M38B57MC Fiches technique(PDF) 31 Page - Mitsubishi Electric Semiconductor

No de pièce M38B57MC
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B57MC Fiches technique(HTML) 31 Page - Mitsubishi Electric Semiconductor

Back Button M38B57MC Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 34Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 35Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 69 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
31
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
4. SRDY1 output signal
The SRDY1 output is a transmit/receive enable signal which informs
the serial transfer destination that transmit/receive is ready. In the
initial status, when the serial I/O initialization bit (b4) is reset to “0,”
________
the SRDY1 output goes to “L” and the SRDY1 output goes to “H”. After
transmitted data is stored in the serial I/O1 register (address 001B16)
and a transmit/receive operation becomes ready, the SRDY1 output
________
goes to “H” and the SRDY1 output goes to “L”. When a transmit/
receive operation is started and the transfer clock goes to “L”, the
________
SRDY1 output goes to “L” and the SRDY1 output goes to “H”.
5. SRDY1 input signal
The SRDY1 input signal becomes valid only when the SRDY1 input
and the SBUSY1 output are used. The SRDY1 input is a signal for
receiving a transmit/receive ready completion signal from the serial
transfer destination.
When the internal synchronous clock is selected, input a low level
_________
signal into the SRDY1 input and a high level signal into the SRDY1
input in the initial status in which the transfer is stopped.
When an “H” level signal is input into the SRDY1 input and an “L”
_________
level signal is input into the SRDY1 input for a period of 1.5 cycles or
more of transfer clock, transfer clocks are output from the SCLK1
output and a transmit/receive operation is started.
After the transmit/receive operation is started and an “L” level sig-
nal is input into the SRDY1 input and an “H” level signal into the
_________
SRDY1 input, this operation cannot be immediately stopped.
After the specified number of bits are transmitted and received, the
transfer clocks from the SCLK1 output is stopped. The handshake
unit of the 8-bit serial I/O and that of the automatic transfer serial
I/O are of 8 bits.
When the external synchronous clock is selected, the SRDY1 input
becomes one of the triggers to output the SBUSY1 signal.
_________
To start a transmit/receive operation (SBUSY1 output: “L,” SBUSY1
output: “H”), input an “H” level signal into the SRDY1 input and an “L”
_________
level signal into the SRDY1 input, and also write transmit data into
the serial I/O1 register.
Fig. 30 SRDY1 Output Operation
Fig. 31 SRDY1 Input Operation (internal synchronous clock)
SRDY1
SCLK1
Write to serial
I/O1 register
SRDY1
SCLK1
SOUT1


Numéro de pièce similaire - M38B57MC

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
M38B57MC RENESAS-M38B57MC Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M38B57MC-111FP MITSUBISHI-M38B57MC-111FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
M38B57MC-132FP MITSUBISHI-M38B57MC-132FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
M38B57MC-XXXFP RENESAS-M38B57MC-XXXFP Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M38B57MCH-E206FP MITSUBISHI-M38B57MCH-E206FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
More results

Description similaire - M38B57MC

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com