Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M38B57MC Fiches technique(PDF) 30 Page - Mitsubishi Electric Semiconductor

No de pièce M38B57MC
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B57MC Fiches technique(HTML) 30 Page - Mitsubishi Electric Semiconductor

Back Button M38B57MC Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 34Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 69 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
30
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
When the internal synchronous clock is selected, in the 8-bit serial
I/O mode and the automatic transfer serial I/O mode (SBUSY1 out-
put function outputs in 1-byte units), the SBUSY1 output goes to “L”
_________
and the SBUSY1 output goes to “H” before 0.5 cycle (transfer clock)
of the timing at which the transfer clock from the SCLK1 output goes
to “L” at a start of transmit/receive operation.
In the automatic transfer serial I/O mode (the SBUSY1 output func-
tion outputs all transfer data), the SBUSY1 output goes to “L” and the
_________
SBUSY1 output goes to “H” when the first transmit data is written into
the serial I/O1 register (address 001B16).
When the external synchronous clock is selected, the SBUSY1 out-
__________
put goes to “L” and the SBUSY1 output goes to “H” when transmit
data is written into the serial I/O1 register to start a transmit opera-
tion, regardless of the serial I/O transfer mode.
At termination of transmit/receive operation, the SBUSY1 output re-
__________
turns to “H” and the SBUSY1 output returns to “L”, the initial status,
when the serial transfer status flag is set to "0", regardless of whether
the internal or external synchronous clock is selected.
Furthermore, in the automatic transfer serial I/O mode (SBUSY1 out-
put function outputs in 1-byte units), the SBUSY1 output goes to “H”
__________
and the SBUSY1 output goes to “L” each time 1-byte of receive data
is written into the automatic transfer RAM.
Fig. 27 SBUSY1 Output Operation
(internal synchronous clock, 8-bits serial I/O)
Fig. 28 SBUSY1 Output Operation
(external synchronous clock, 8-bits serial I/O)
Fig. 29 SBUSY1 Output Operation in Automatic Transfer Serial I/O Mode
(internal synchronous clock, SBUSY1 output function outputs each 1-byte)
SBUSY1
SCLK1
SOUT1
Serial transfer
status flag
Serial transfer
status flag
SBUSY1
SCLK1
Write to Serial
I/O1 register
SCLK1
SBUSY1
SOUT1
Automatic transfer
interval
Serial transfer
status flag
Automatic transfer RAM
→Serial I/O1 register
Serial I/O1 register
→Automatic transfer RAM


Numéro de pièce similaire - M38B57MC

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
M38B57MC RENESAS-M38B57MC Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M38B57MC-111FP MITSUBISHI-M38B57MC-111FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
M38B57MC-132FP MITSUBISHI-M38B57MC-132FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
M38B57MC-XXXFP RENESAS-M38B57MC-XXXFP Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M38B57MCH-E206FP MITSUBISHI-M38B57MCH-E206FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
More results

Description similaire - M38B57MC

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com