Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M38B57MC Fiches technique(PDF) 23 Page - Mitsubishi Electric Semiconductor

No de pièce M38B57MC
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B57MC Fiches technique(HTML) 23 Page - Mitsubishi Electric Semiconductor

Back Button M38B57MC Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 27Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 69 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
23
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Fig. 18 Structure of Timer X Related Registers
b7
b0
Timer X mode register 1
(TXM1 : address 002E16)
Timer X write control bit
0 : Write data to both timer latch and timer
1 : Write data to timer latch only
Timer X count source selection bits
b2 b1
0
0 : f(XIN)/2 or f(XCIN)/4
0
1 : f(XIN)/8 or f(XCIN)/16
1
0 : f(XIN)/64 or f(XCIN)/128
1
1 : Not available
Not used (returns "0" when read)
Timer X operating mode bits
b5 b4
0
0 : Timer mode
0
1 : Pulse output mode
1
0 : Event counter mode
1
1 : Pulse width measurement mode
CNTR2 active edge switch bit
0 : • Event counter mode ; counts rising edges
• Pulse output mode ; output starts with “H” level
• Pulse width measurement mode ; measures “H” periods
1 : • Event counter mode ; counts falling edges
• Pulse output mode ; output starts with “L” level
• Pulse width measurement mode ; measures “L” periods
Timer X stop control bit
0 : Count operating
1 : Count stop
Real time port control bit (P85)
0 : Real time port function is invalid
1 : Real time port function is valid
Real time port control bit (P86)
0 : Real time port function is invalid
1 : Real time port function is valid
P85 data for real time port
P86 data for real time port
Not used (returns "0" when read)
Timer X mode register 2
(TXM2 : address 002F16)
b7
b0
Fig. 17 Block Diagram of Timer X
CNTR2 active
edge switch bit
CNTR2 active
edge switch bit
Real time port
control bit
Real time port
control bit
S
“0”
“1”
“0”
“1”
“10”
“00”,“01”,“11”
Q
Q
T
P61/CNTR0/CNTR2
CNTR0
“1”
“0”
“1”
“0”
“1”
“0”
Q D
Q D
P85
P86
“1”
“0”
XIN
XCIN
“1”
“0”
1/2
1/2
1/8
1/64
P61 latch
Timer X (low-order) (8)
Timer X (high-order) (8)
Timer X latch (high-order) (8)
Timer X latch (low-order) (8)
Data bus
Pulse output mode
P61 direction
register
Pulse width
measurement mode
Timer X operating
mode bit
Timer X stop
control bit
Pulse output mode
Count source selection bit
Internal system clock
selection bit
Timer X write
control bit
Timer X
interrupt request
Timer X mode register
write signal
P86 latch
P86 direction
register
P85 latch
P85 direction
register
Latch
Latch
P85 data for real time port
Real time port
control bit (P85)
P86 data for real time port
Real time port
control bit (P86)
Timer X mode register
write signal


Numéro de pièce similaire - M38B57MC

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
M38B57MC RENESAS-M38B57MC Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M38B57MC-111FP MITSUBISHI-M38B57MC-111FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
M38B57MC-132FP MITSUBISHI-M38B57MC-132FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
M38B57MC-XXXFP RENESAS-M38B57MC-XXXFP Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M38B57MCH-E206FP MITSUBISHI-M38B57MCH-E206FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
More results

Description similaire - M38B57MC

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com