Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M38B57MC Fiches technique(PDF) 22 Page - Mitsubishi Electric Semiconductor

No de pièce M38B57MC
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B57MC Fiches technique(HTML) 22 Page - Mitsubishi Electric Semiconductor

Back Button M38B57MC Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 26Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 69 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
22
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
16-Bit Timer
Timer X is a 16-bit timer that can be selected in one of four modes by
the Timer X mode register 1, 2 and can be controlled the timer X
write and the real time port by setting the timer X mode registers.
Read and write operation on 16-bit timer must be performed for both
high- and low-order bytes. When reading a 16-bit timer, read from
the high-order byte first. When writing to 16-bit timer, write to the low-
order byte first. The 16-bit timer cannot perform the correct operation
when reading during write operation, or when writing during read
operation.
qTimer X
Timer X is a down-counter. When the timer reaches “000016,” an
underflow occurs with the next count pulse. Then the contents of the
timer latch is reloaded into the timer and the timer continues down-
counting. When a timer underflows, the interrupt request bit corre-
sponding to that timer is set to “1.”
(1) Timer mode
A count source can be selected by setting the Timer X count source
selection bits (bits 1 and 2) of the Timer X mode register 1.
(2) Pulse output mode
Each time the timer underflows, a signal output from the CNTR2 pin
is inverted. Except for this, the operation in pulse output mode is the
same as in timer mode. When using a timer in this mode, set the port
shared with the CNTR2 pin to output.
(3) Event counter mode
The timer counts signals input through the CNTR2 pin. Except for
this, the operation in event counter mode is the same as in timer
mode. When using a timer in this mode, set the port shared with the
CNTR2 pin to input.
(4) Pulse width measurement mode
A count source can be selected by setting the Timer X count source
selection bits (bits 1 and 2) of the Timer X mode register 1. When
CNTR2 active edge switch bit is “0,” the timer counts while the input
signal of the CNTR2 pin is at “H.” When it is “1,” the timer counts
while the input signal of the CNTR2 pin is at “L.” When using a timer
in this mode, set the port shared with the CNTR2 pin to input.
s Note
•Timer X Write Control
If the timer X write control bit is “0,” when the value is written in the
address of timer X, the value is loaded in the timer X and the latch at
the same time.
If the timer X write control bit is “1,” when the value is written in the
address of timer X, the value is loaded only in the latch. The value in
the latch is loaded in timer X after timer X underflows.
When the value is written in latch only, unexpected value may be set
in the high-order counter if the writing in high-order latch and the
underflow of timer X are performed at the same timing.
•Real Time Port Control
While the real time port function is valid, data for the real time port
are output from ports P85 and P86 each time the timer X underflows.
(However, if the real time port control bit is changed from “0” to “1,”
data are output without the timer X.) When the data for the real time
port is changed while the real time port function is valid, the changed
data are output at the next underflow of timer X.
Before using this function, set the corresponding port direction regis-
ters to output mode.


Numéro de pièce similaire - M38B57MC

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
M38B57MC RENESAS-M38B57MC Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M38B57MC-111FP MITSUBISHI-M38B57MC-111FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
M38B57MC-132FP MITSUBISHI-M38B57MC-132FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
M38B57MC-XXXFP RENESAS-M38B57MC-XXXFP Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M38B57MCH-E206FP MITSUBISHI-M38B57MCH-E206FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
More results

Description similaire - M38B57MC

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com