Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M38B57MC Fiches technique(PDF) 20 Page - Mitsubishi Electric Semiconductor

No de pièce M38B57MC
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B57MC Fiches technique(HTML) 20 Page - Mitsubishi Electric Semiconductor

Back Button M38B57MC Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 24Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 69 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
20
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Fig. 15 Block Diagram of Timer
XIN
1/8
P46/T3OUT
1/2
XCIN
“1”
“0”
“01”
“00”
“01”
“00”
“01”
“10”
“00”
“1”
“0”
“01”
“10”
“00”
“00”
“01”
P45/T1OUT
1/2
P61/CNTR0/CNTR2
“10”
1/2
PWM
P44/PWM1
“1”
“0”
P60/CNTR1
1/64
1/2
“11”
“11”
1/16
“10”
“10”
Internal system clock
selection bit
Timer 1 count source
selection bit
Timer 1 interrupt request
Data bus
Timer 1 latch (8)
Timer 1 (8)
FF16
Timer 1 count
stop bit
RESET
STP instruction
P45 latch
Timer 1 output selection bit
P45 direction register
Timer 2 count source
selection bit
Timer 2 latch (8)
Timer 2 (8)
Timer 2 count
stop bit
0116
Timer 3 count source
selection bit
Timer 3 latch (8)
Timer 3 (8)
Timer 3 count
stop bit
Timer 2 interrupt request
Timer 3 interrupt request
P46 latch
Rising/Falling
active edge switch
Timer 3 output selection bit
P46 direction register
Timer 4 count source
selection bit
Timer 4 latch (8)
Timer 4 (8)
Timer 4 count
stop bit
Rising/Falling
active edge switch
Timer 4 interrupt request
Timer 5 count source
selection bit
Timer 5 latch (8)
Timer 5 (8)
Timer 5 count
stop bit
Timer 5 interrupt request
P44 latch
Timer 6 output selection bit
P44 direction register
Timer 6 count source
selection bit
Timer 6 latch (8)
Timer 6 (8)
Timer 6 count
stop bit
Timer 6 PWM register (8)
Timer 6 operation
mode selection bit
Timer 6 interrupt request


Numéro de pièce similaire - M38B57MC

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
M38B57MC RENESAS-M38B57MC Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M38B57MC-111FP MITSUBISHI-M38B57MC-111FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
M38B57MC-132FP MITSUBISHI-M38B57MC-132FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
M38B57MC-XXXFP RENESAS-M38B57MC-XXXFP Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M38B57MCH-E206FP MITSUBISHI-M38B57MCH-E206FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
More results

Description similaire - M38B57MC

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com