Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M38B57MC Fiches technique(PDF) 64 Page - Mitsubishi Electric Semiconductor

No de pièce M38B57MC
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B57MC Fiches technique(HTML) 64 Page - Mitsubishi Electric Semiconductor

Back Button M38B57MC Datasheet HTML 60Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 61Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 62Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 63Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 64Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 65Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 66Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 67Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 68Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 69 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
64
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Table 12 Recommended Operating Conditions (2) (VCC = 4.0 to 5.5V, Ta = –20 to 85°C, unless otherwise noted)
Clock input frequency for timers 2, 4, and X (duty cycle 50 %)
Main clock input oscillation frequency (Note 1)
Sub-clock input oscillation frequency (Note 1, 2)
Symbol
Parameter
Limits
Unit
f(CNTR0)
f(CNTR1)
f(XIN)
f(XCIN)
kHz
MHz
kHz
250
4.2
50
Max.
Typ.
Min.
32.768
Notes 1: When the oscillation frequency has a duty cycle of 50%.
2: When using the microcomputer in low-speed mode, set the sub-clock input oscillation frequency on condition that f(XCIN) < f(XIN)/3.
ELECTRICAL CHARACTERISTICS
Table 13 Electrical Characteristics (1) (VCC = 4.0 to 5.5V, Ta = –20 to 85°C, unless otherwise noted)
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
“H” output voltage P00–P07, P10–P17, P20–P27,
P30–P37, P80–P83
“H” output voltage P50–P57, P60–P65, P70–P77,
P84–P87, P90, P91
“L” output voltage P50–P57, P61–P65, P84–P87,
P90, P91
“L” output voltage P40–P46, P60
Hysteresis
P40–P42, P44–P47, P5, P60,
P61, P64
Hysteresis
RESET, XIN
Hysteresis
XCIN
“H” input current
P47, P50–P57, P61–P65,
P70–P77, P84–P87
“H” input current
P40–P46, P60
“H” input current
P20–P27, P80–P83 (Note)
“H” input current
RESET, XCIN
“H” input current
XIN
“L” input current
P40–P47, P60
“L” input current
P50–P57, P61–P65, P70–P77,
P84–P87, P90, P91
“L” input current
P20–P27, P80–P83 (Note)
“L” input current
RESET, XCIN
“L” input current
XIN
Output load current
P00–P07, P10–P17, P30–P37
Output leak current
P00–P07, P10–P17, P20–P27,
P30–P37, P80–P83
“H” read current
RAM hold voltage
VOH
VOH
VOL
VOL
VT+–VT–
VT+–VT–
VT+–VT–
IIH
IIH
IIH
IIH
IIH
IIL
IIL
IIL
IIL
IIL
ILOAD
ILEAK
IREADH
VRAM
IOH = –18 mA
IOH = –10 mA
IOL = 10 mA
IOL = 15 mA
VI = VCC
VI = 12 V
VI = VCC
VI = VCC
VI = VCC
VI = VSS
VI = VSS
Pull-up “off”
VCC = 5 V, VI = VSS
Pull-up “on”
VCC = 3 V, VI = VSS
Pull-up “on”
VI = VSS
VI = VSS
VI = VSS
VEE = VCC–43 V, VOL = VCC
Output transistors “off”
VEE = VCC–43 V, VOL = VCC
43 V Output transistors “off”
VI = 5 V
When clock is stopped
Test conditions
VCC–2.0
VCC–2.0
2.0
2.0
5.0
10.0
5.0
5.0
–5.0
–5.0
–140
–45
–5.0
–5.0
900
–10
5.5
0.6
0.4
0.5
0.5
4.0
–70
–25
–4.0
600
1
–30
–6.0
300
2
Note: Except when reading ports P2 or P8.
V
V
V
V
V
V
V
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
V


Numéro de pièce similaire - M38B57MC

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
M38B57MC RENESAS-M38B57MC Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M38B57MC-111FP MITSUBISHI-M38B57MC-111FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
M38B57MC-132FP MITSUBISHI-M38B57MC-132FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
M38B57MC-XXXFP RENESAS-M38B57MC-XXXFP Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M38B57MCH-E206FP MITSUBISHI-M38B57MCH-E206FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
More results

Description similaire - M38B57MC

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com