Moteur de recherche de fiches techniques de composants électroniques |
|
M38B57MC Fiches technique(PDF) 63 Page - Mitsubishi Electric Semiconductor |
|
M38B57MC Fiches technique(HTML) 63 Page - Mitsubishi Electric Semiconductor |
63 / 69 page MITSUBISHI MICROCOMPUTERS 38B5 Group SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 63 PRELIMINAR Y Notice: This is not a final specification. Some parametric limits are subject to change. V V V V V V V V V V V V V V V V V V 5.5 5.5 VCC VCC VCC VCC VCC VCC VCC VCC VCC 0.25VCC 0.16VCC 0.2VCC 0.2VCC 0.2VCC 4.0 2.7 VCC – 43 2.0 0 0.75VCC 0.4VCC 0.8VCC 0.52VCC 0.8VCC 0.8VCC 0 0 0 0 0 Power source voltage Pull-down power source voltage Analog reference voltage (when A-D converter is used) Analog power source voltage Analog input voltage AN0–AN11 “H” input voltage P40–P47, P50–P57, P60–P65, P70–P77, P90, P91 “H” input voltage P84–P87 “H” input voltage P00–P07 “H” input voltage P20–P27, P80–P83 “H” input voltage ____________ RESET “H” input voltage XIN, XCIN “L” input voltage P40–P47, P50–P57, P60–P65, P70–P77, P90, P91 “L” input voltage P84–P87 “L” input voltage P00–P07, P20–P27, P80–P83 “L” input voltage ____________ RESET “L” input voltage XIN, XCIN Min. Typ. Max. Symbol Parameter Unit VCC VSS VEE VREF AVSS VIA VIH VIH VIH VIH VIH VIH VIL VIL VIL VIL VIL Power source voltage in high-speed mode in middle-/low-speed mode 5.0 5.0 0 0 RECOMMENDED OPERATING CONDITIONS Table 11 Recommended Operating Conditions (1) (VCC = 4.0 to 5.5V, Ta = –20 to 85°C, unless otherwise noted) Limits “H” total peak output current (Note 1) P00–P07, P10–P17, P20–P27, P30–P37, P80–P83 “H” total peak output current (Note 1) P50–P57, P61–P65, P70–P77, P90, P91 “L” total peak output current (Note 1) P50–P57, P60–P65, P70–P77, P90, P91 “L” total peak output current (Note 1) P40–P46, P84–P87 “H” total average output current (Note 1) P00–P07, P10–P17, P20–P27, P30–P37, P80–P87 “H” total average output current (Note 1) P50–P57, P61–P65, P70–P77, P90, P91 “L” total average output current (Note 1) P50–P57, P60–P65, P70–P77, P90, P91 “L” total average output current (Note 1) P40–P46, P84–P87 “H” peak output current (Note 2) P00–P07, P10–P17, P20–P27, P30–P37, P80–P83 “H” peak output current (Note 2) P50–P57, P61–P65, P70–P77, P84–P87, P90, P91 “L” peak output current (Note 2) P50–P57, P61–P65, P70–P77, P84–P87, P90, P91 “L” peak output current (Note 2) P40–P46, P60 “H” average output current (Note 3) P00–P07, P10–P17, P20–P27, P30–P37, P80–P83 “H” average output current (Note 3) P50–P57, P60–P65, P70–P77, P84–P87, P90, P91 “L” average output current (Note 3) P50–P57, P61–P65, P70–P77, P84–P87, P90, P91 “L” average output current (Note 3) P40–P46, P60 –240 –60 100 60 –120 –30 50 30 –40 –10 10 30 –18 –5 5 15 mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA IOH(peak) IOH(peak) IOL(peak) IOL(peak) IOH(avg) IOH(avg) IOL(avg) IOL(avg) IOH(peak) IOH(peak) IOL(peak) IOL(peak) IOH(avg) IOH(avg) IOL(avg) IOL(avg) Notes 1: The total output current is the sum of all the currents flowing through all the applicable ports. The total average current is an average value measured over 100 ms. The total peak current is the peak value of all the currents. 2: The peak output current is the peak current flowing in each port. 3: The average output current IOL (avg), IOH (avg) in an average value measured over 100 ms. |
Numéro de pièce similaire - M38B57MC |
|
Description similaire - M38B57MC |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |