Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M38B57MC Fiches technique(PDF) 60 Page - Mitsubishi Electric Semiconductor

No de pièce M38B57MC
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B57MC Fiches technique(HTML) 60 Page - Mitsubishi Electric Semiconductor

Back Button M38B57MC Datasheet HTML 56Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 57Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 58Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 59Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 60Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 61Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 62Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 63Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 64Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 69 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
60
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
NOTES ON PROGRAMMING
Processor Status Register
The contents of the processor status register (PS) after a reset are
undefined, except for the interrupt disable flag (I) which is “1.” After a
reset, initialize flags which affect program execution. In particular, it
is essential to initialize the index X mode (T) and the decimal mode
(D) flags because of their effect on calculations.
Interrupts
The contents of the interrupt request bits do not change immediately
after they have been written. After writing to an interrupt request reg-
ister, execute at least one instruction before performing a BBC or
BBS instruction.
Decimal Calculations
•To calculate in decimal notation, set the decimal mode flag (D) to
“1,” then execute an ADC or SBC instruction. Only the ADC and
SBC instructions yield proper decimal results. After executing an
ADC or SBC instruction, execute at least one instruction before ex-
ecuting a SEC, CLC, or CLD instruction.
•In decimal mode, the values of the negative (N), overflow (V), and
zero (Z) flags are invalid.
Timers
If a value n (between 0 and 255) is written to a timer latch, the fre-
quency division ratio is 1/(n+1).
Multiplication and Division Instructions
•The index X mode (T) and the decimal mode (D) flags do not affect
the MUL and DIV instruction.
•The execution of these instructions does not change the contents of
the processor status register.
Ports
The contents of the port direction registers cannot be read. The
following cannot be used:
•The data transfer instruction (LDA, etc.)
•The operation instruction when the index X mode flag (T) is “1”
•The addressing mode which uses the value of a direction register
as an index
•The bit-test instruction (BBC or BBS, etc.) to a direction register
•The read-modify-write instructions (ROR, CLB, or SEB, etc.) to a
direction register.
Use instructions such as LDM and STA, etc., to set the port direction
registers.
Serial I/O
•Using an external clock
When using an external clock, input “H” to the external clock input
pin and clear the serial I/O interrupt request bit before executing
serial I/O transfer and serial I/O automatic transfer.
•Using an internal clock
When using an internal clock, set the synchronous clock to the in-
ternal clock, then clear the serial I/O interrupt request bit before ex-
ecuting a serial I/O transfer and serial I/O automatic transfer.
A-D Converter
The comparator uses internal capacitors whose charge will be lost if
the clock frequency is too low.
Therefore, make sure that f(XIN) is at least on 250 kHz during an A-D
conversion.
Do not execute the STP or WIT instruction during an A-D conver-
sion.
Instruction Execution Time
The instruction execution time is obtained by multiplying the frequency
of the internal system clock by the number of cycles needed to ex-
ecute an instruction.
The number of cycles required to execute an instruction is shown in
the list of machine instructions.
The frequency of the internal system clock is the same of the XIN
frequency in high-speed mode.
At STP Instruction Release
At the STP instruction release, all bits of the timer 12 mode register
are cleared.
The XCOUT drivability selection bit (the CPU mode register) is set to
“1” (high drive) in order to start oscillating.
NOTES ON USE
Notes on Built-in EPROM Version
The P47 pin of the One Time PROM version or the EPROM version
functions as the power source input pin of the internal EPROM.
Therefore, this pin is set at low input impedance, thereby being af-
fected easily by noise.
To prevent a malfunction due to noise, insert a resistor (approx. 5
k
Ω) in series with the P47 pin.


Numéro de pièce similaire - M38B57MC

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
M38B57MC RENESAS-M38B57MC Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M38B57MC-111FP MITSUBISHI-M38B57MC-111FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
M38B57MC-132FP MITSUBISHI-M38B57MC-132FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
M38B57MC-XXXFP RENESAS-M38B57MC-XXXFP Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M38B57MCH-E206FP MITSUBISHI-M38B57MCH-E206FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
More results

Description similaire - M38B57MC

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com