Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M38B57MC Fiches technique(PDF) 51 Page - Mitsubishi Electric Semiconductor

No de pièce M38B57MC
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B57MC Fiches technique(HTML) 51 Page - Mitsubishi Electric Semiconductor

Back Button M38B57MC Datasheet HTML 47Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 48Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 49Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 50Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 51Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 52Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 53Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 54Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 55Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 69 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
51
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Interrupt Interval Determination Function
The 38B5 group has an interrupt interval determination circuit.
This interrupt interval determination circuit has an 8-bit binary up
counter. Using this counter, it determines a duration of time from the
rising edge (falling edge) of an input signal pulse on the P47/INT2 pin
to the rising edge (falling edge) of the signal pulse that is input next.
How to determine the interrupt interval is described below.
1. Enable the INT2 interrupt by setting bit 2 of the interrupt control
register 1 (address 003E16). Select the rising interval or falling
interval by setting bit 2 of the interrupt edge selection register
(address 003A16).
2. Set bit 0 of the interrupt interval determination control register
(address 003116) to “1” (interrupt interval determination operat-
ing).
3. Select the sampling clock of 8-bit binary up counter by setting bit
1 of the interrupt interval determination control register. When
writing “0,” f(XIN)/128 is selected (the sampling interval: 32 µs at
f(XIN) = 4.19 MHz); when “1,” f(XIN)/256 is selected (the sampling
interval: 64 µs at f(XIN) = 4.19 MHz).
4. When the signal of polarity which is set on the INT2 pin (rising or
falling edge) is input, the 8-bit binary up counter starts count-
ing up of the selected counter sampling clock.
5. When the signal of polarity above 4 is input again, the value of the
8-bit binary up counter is transferred to the interrupt interval
determination register (address 003016), and the remote control
interrupt request occurs. Immediately after that, the 8-bit binary
up counter continues to count up again from “0016.”
6. When count value reaches “FF16,” the 8-bit binary up counter stops
counting up. Then, simultaneously when the next counter sam-
pling clock is input, the counter sets value “FF16” to the interrupt
interval determination register to generate the counter overflow
interrupt request.
Fig. 57 Interrupt Interval Determination Circuit Block Diagram
Noise filter
The P47/INT2 pin builds in the noise filter.
The noise filter operation is described below.
1. Select the sampling clock of the input signal with bits 2 and 3 of
the interrupt interval determination control register. When not
using the noise filter, set “00.”
2. The P47/INT2 input signal is sampled in synchronization with the
selected clock. When sampling the same level signal in a series
of three sampling, the signal is recognized as the interrupt
signal, and the interrupt request occurs.
When setting bit 4 of interrupt interval determination control
register to “1,” the interrupt request can occur at both rising and
falling edges.
When using the noise filter, set the minimum pulse width of the
INT2 input signal to 3 cycles or more of the sample clock.
Note: In the low-speed mode (CM7 = 1), the interrupt interval deter-
mination function cannot operate.
f(XIN)/128
f(XIN)/256
1/128
1/64
1/32
f(XIN)
Counter sampling
clock selection bit
INT2 interrupt input
Noise filter
8-bit binary up
counter
Interrupt interval
determination register
address 003016
Data bus
Divider
One-sided/both-sided
detection selection bit
Noise filter sampling
clock selection bit
Counter overflow
interrupt request
or remote control
interrupt request


Numéro de pièce similaire - M38B57MC

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
M38B57MC RENESAS-M38B57MC Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M38B57MC-111FP MITSUBISHI-M38B57MC-111FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
M38B57MC-132FP MITSUBISHI-M38B57MC-132FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
M38B57MC-XXXFP RENESAS-M38B57MC-XXXFP Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M38B57MCH-E206FP MITSUBISHI-M38B57MCH-E206FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
More results

Description similaire - M38B57MC

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com