Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M38B57MC Fiches technique(PDF) 45 Page - Mitsubishi Electric Semiconductor

No de pièce M38B57MC
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B57MC Fiches technique(HTML) 45 Page - Mitsubishi Electric Semiconductor

Back Button M38B57MC Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 43Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 44Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 45Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 46Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 47Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 48Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 49Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 69 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
45
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Timing setting
Each timing is set by the FLDC mode register, Tdisp time set regis-
ter, Toff1 time set register, and Toff2 time set register.
•Tdisp time setting
Set the Tdisp time by the Tdisp counter count source selection bit of
the FLDC mode register and the Tdisp time set register.
Supposing that the value of the Tdisp time set register is n, the
Tdisp time is represented as Tdisp = (n+1) ! t (t: count source
synchronization).
When the Tdisp counter count source selection bit of the FLDC mode
register is “0” and the value of the Tdisp time set register is 200
(C816), the Tdisp time is: Tdisp = (200+1) ! 4 (at XIN= 4 MHz) = 804
µs. When reading the Tdisp time set register, the value in the
counter is read out.
•Toff1 time setting
Set the Toff1 time by the Toff1 time set register.
Supposing that the value of the Toff1 time set register is n1, the
Toff1 time is represented as Toff1 = n1 ! t.
When the Tdisp counter count source selection bit of the FLDC mode
register is “0” and the value of the Toff1 time set register is 30
(1E16), Toff1 = 30 ! 4 (at XIN = 4 MHz) = 120 µs.
•Toff2 time setting
Set the Toff2 time by the Toff2 time set register.
Supposing that the value of the Toff2 time set register is n2, the
Toff2 time is represented as Toff2 = n2 ! t.
When the Tdisp counter count source selection bit of the FLDC mode
register is “0” and the value of the Toff2 time set register is 180
(B416), Toff2 = 180 ! 4 (at XIN = 4 MHz) = 720 µs.
This Toff2 time setting is valid only for FLD ports which are in the
gradation display mode and whose gradation display control RAM
value is “1.”
FLD automatic display start
To perform FLD automatic display, set the following registers.
•Port P0FLD/port switch register
•Port P2FLD/port switch register
•Port P8FLD/port switch register
•FLDC mode register
•Tdisp time set register
•Toff1 time set register
•Toff2 time set register
•FLD data pointer
FLD automatic display mode is selected by writing “1” to the bit 0 of
the FLDC mode register (address 0EF416), and the automatic dis-
play is started by writing “1” to bit 1. During FLD automatic display,
bit 1 of the FLDC mode register (address 0EF416) always keeps “1,”
and FLD automatic display can be interrupted by writing “0” to bit 1.
Key-scan
When a key-scan is performed with the segment during key-scan
blanking period Tscan, take the following sequence:
1. Write “0” to bit 0 of the FLDC mode register (address 0EF416).
2. Set the port corresponding to the segment for key-scan to the
output port.
3. Perform the key-scan.
4. After the key-scan is performed, write “1” to bit 0 of FLDC mode
register (address 0EF416).
s Note
When performing a key-scan according to the above steps 1 to 4,
take the following points into consideration.
1. Do not set “0” in bit 1 of the FLDC mode register (address 0EF416).
2. Do not set “1” in the ports corresponding to digits.
P84 to P87 FLD Output Reverse Function
P84 to P87 are provided with a function to reverse the polarity of the
FLD output. This function is useful in adjusting the polarity when
using an externally installed driver.
The output polarity can be reversed by setting bit 0 of the port P8
FLD output control register to “1.”


Numéro de pièce similaire - M38B57MC

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
M38B57MC RENESAS-M38B57MC Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M38B57MC-111FP MITSUBISHI-M38B57MC-111FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
M38B57MC-132FP MITSUBISHI-M38B57MC-132FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
M38B57MC-XXXFP RENESAS-M38B57MC-XXXFP Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M38B57MCH-E206FP MITSUBISHI-M38B57MCH-E206FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
More results

Description similaire - M38B57MC

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com