Moteur de recherche de fiches techniques de composants électroniques |
|
M38B57MC Fiches technique(PDF) 44 Page - Mitsubishi Electric Semiconductor |
|
M38B57MC Fiches technique(HTML) 44 Page - Mitsubishi Electric Semiconductor |
44 / 69 page MITSUBISHI MICROCOMPUTERS 38B5 Group SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 44 PRELIMINAR Y Notice: This is not a final specification. Some parametric limits are subject to change. Fig. 48 Example of Using the FLD Automatic Display RAM Using Grid Scan Type Setting method when using the grid scan type FLD When using the grid scan type FLD, set “1” in the RAM area corre- sponding to the digit ports that output “1” at each timing. Set “0” in the RAM area corresponding to the other digit ports. Fig. 47 Example of Digit Timing Using Grid Scan Type DIG10 (P31) DIG9 (P30) DIG8 (P17) DIG2 (P11) DIG1 (P10) Number of timing: 10 The first second third.......................9th 10th Segment output 0FCF16 0FB016 0FB116 0FB216 0FB316 0FB416 0FB516 0FB616 0FB716 0FB816 0FB916 0FBA16 0FBB16 0FBC16 0FBD16 0FBE16 0FBF16 0FC016 0FC116 0FC216 0FC316 0FC416 0FC516 0FC616 0FC716 0FC816 0FC916 0FCA16 0FCB16 0FCC16 0FCD16 0FCE16 7 654 210 0FD016 0FD116 0FD216 0FD316 0FD416 0FD516 0FD616 0FD716 0FD816 0FD916 0FDA16 0FDB16 0FDC16 0FDD16 0FDE16 0FDF16 Bit Address 0FE116 0FE216 0FE316 0FE416 0FE516 0FE616 0FE716 0FE816 0FE916 0FEA16 0FEB16 0FEC16 0FED16 0FEE16 0FEF16 0FE016 0FF116 0FF216 0FF316 0FF416 0FF516 0FF616 0FF716 0FF816 0FF916 0FFA16 0FFB16 0FFC16 0FFD16 0FFE16 0FFF16 0FF016 3 1 1 1 1 1 1 1 1 1 1 0000000 0000000 0000000 0000000 000000 000000 00000 00000 0000 0000 000 000 00 00 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Number of FLD segments: 16 Number of timing: 10 (FLD data pointer reload register = 9) The last timing (The last data of FLDP2) Note: shaded area is used for segment. shaded area is used for digit. FLDP2 data area Timing for start (The first data of FLDP2) The last timing (The last data of FLDP0) FLDP0 data area Timing for start (The first data of FLDP0) The last timing (The last data of FLDP1) FLDP1 data area Timing for start (The first data of FLDP1) The last timing (The last data of FLDP3) FLDP3 data area Timing for start (The first data of FLDP3) The last timing (The last data of FLDP8) FLDP8 data area Timing for start (The first data of FLDP8) |
Numéro de pièce similaire - M38B57MC |
|
Description similaire - M38B57MC |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |