Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M38B57MC Fiches technique(PDF) 38 Page - Mitsubishi Electric Semiconductor

No de pièce M38B57MC
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B57MC Fiches technique(HTML) 38 Page - Mitsubishi Electric Semiconductor

Back Button M38B57MC Datasheet HTML 34Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 35Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 37Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 38Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 39Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 40Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M38B57MC Datasheet HTML 42Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 69 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Fig. 41 Segment/Digit Setting Example
FLD automatic display pins
When the automatic display control bits of the FLDC mode register
(address 0EF416) are set to “1,” the ports of P0, P1, P2, P3 and P8
are used as FLD automatic display pins.
When using the FLD automatic display mode, set each port to the
FLD pin or the general-purpose port using the respective switch reg-
ister in accordance with the number of segments and the number of
digits.
This setting is performed by writing a value into the FLD/port switch
register (addresses 0EF916 to 0EFB16) of each port.
This setting can be performed in units of bit. When “0” is set, the port
is set to the general-purpose port. When “1” is set, the port is set to
the FLD pin. There is no restriction on whether the FLD pin is to be
used as a segment pin or a digit pin.
Table 7 Pins in FLD Automatic Display Mode
Port Name
Automatic Display Pins
Setting Method
P0, P2,
FLD0–FLD15
The individual bits of the FLD/port switch register (addresses 0EF916–0EFB16) can be set each pin
P80–P83
FLD32–FLD35
either FLD port (“1”) or general-purpose port (“0”).
P1, P3
FLD16–FLD31
None (FLD only)
P84–P87
FLD36–FLD39
The individual bits of the FLD/port switch register (address 0EFB16) can be set each pin to either
FLD port (“1”) or general-purpose port (“0”).
The output can be reversed by the port P8 FLD output control register (address 0EFC16).
The port output format is the CMOS output format. When using the port as a display pin, a driver
must be installed externally.
15
8
P24
P25
P26
P27
P20
P21
P22
P23
0
0
0
0
0
0
0
0
FLD16(DIG1)
FLD17(DIG2)
FLD18(DIG3)
FLD19(DIG4)
FLD20(SEG4)
FLD21(SEG5)
FLD22(SEG6)
FLD23(SEG7)
P04
P05
FLD14(SEG2)
FLD15(SEG3)
FLD8(SEG1)
P01
P02
P03
1
0
0
0
0
0
1
1
FLD32(SEG12)
FLD33(SEG13)
FLD34(SEG14)
FLD35(SEG15)
P84
P85
P86
P87
FLD24(SEG8)
FLD25(SEG9)
FLD26(SEG10)
FLD27(SEG11)
FLD28(DIG5)
FLD29(DIG6)
FLD30(DIG7)
FLD31(DIG8)
1
1
1
1
0
0
0
0
25
15
FLD8(SEG9)
FLD9(SEG10)
FLD10(SEG11)
FLD11(SEG12)
FLD12(SEG13)
FLD13(SEG14)
FLD14(SEG15)
FLD15(SEG16)
1
1
1
1
1
1
1
1
FLD0(SEG1)
FLD1(SEG2)
FLD2(SEG3)
FLD3(SEG4)
FLD4(SEG5)
FLD5(SEG6)
FLD6(SEG7)
FLD7(SEG8)
FLD16(DIG1)
FLD17(DIG2)
FLD18(DIG3)
FLD19(DIG4)
FLD20(DIG5)
FLD21(DIG6)
FLD22(DIG7)
FLD23(DIG8)
1
1
1
1
1
1
1
1
FLD24(DIG9)
FLD25(DIG10)
FLD26(DIG11)
FLD27(DIG12)
FLD28(DIG13)
FLD29(DIG14)
FLD30(DIG15)
FLD31(SEG17)
FLD32(SEG18)
FLD33(SEG19)
FLD34(SEG20)
FLD35(SEG21)
1
1
1
1
1
1
1
1
FLD36(SEG22)
FLD37(SEG23)
FLD38(SEG24)
FLD39(SEG25)
18
20
FLD8(DIG1)
FLD9(DIG2)
FLD10(DIG3)
FLD11(DIG4)
FLD12(DIG5)
FLD13(DIG6)
FLD14(DIG7)
FLD15(DIG8)
1
1
1
1
1
1
FLD2(SEG1)
FLD3(SEG2)
FLD4(SEG3)
FLD5(SEG4)
FLD6(SEG5)
FLD7(SEG6)
FLD16(DIG9)
FLD17(DIG10)
FLD18(DIG11)
FLD19(DIG12)
FLD20(DIG13)
FLD21(DIG14)
FLD22(DIG15)
FLD23(DIG16)
1
1
1
1
1
1
1
1
FLD24(DIG17)
FLD25(DIG18)
FLD26(DIG19)
FLD27(DIG20)
FLD28(SEG7)
FLD29(SEG8)
FLD32(SEG11)
FLD33(SEG12)
FLD34(SEG13)
FLD35(SEG14)
1
1
1
1
1
1
1
1
FLD36(SEG15)
FLD37(SEG16)
FLD38(SEG17)
FLD39(SEG18)
16
10
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
0
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
P20
P21
P22
P23
FLD4(SEG1)
FLD5(SEG2)
FLD6(SEG3)
FLD7(SEG4)
FLD8(SEG5)
FLD9(SEG6)
FLD10(SEG7)
FLD11(SEG8)
FLD12(SEG9)
FLD13(SEG10)
FLD14(SEG11)
FLD15(SEG12)
FLD16(DIG1)
FLD17(DIG2)
FLD18(DIG3)
FLD19(DIG4)
FLD20(DIG5)
FLD21(DIG6)
FLD22(DIG7)
FLD23(DIG8)
FLD24(DIG9)
FLD25(DIG10)
FLD26(SEG13)
FLD27(SEG14)
FLD28(SEG15)
FLD29(SEG16)
P81
P80
P82
P83
P84
P85
P86
P87
0
0
1
1
1
1
1
1
1
1
1
1
1
1
0
0
0
0
P20
P21
FLD30(SEG9)
FLD31(SEG10)
1
1
1
1
1
1
1
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
P24
P25
Number of segments
Number of digits
Port P2
Setting example 1
Setting example 2
Setting example 3
Setting example 4
Port P0
Port P1
Port P3
Port P8


Numéro de pièce similaire - M38B57MC

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
M38B57MC RENESAS-M38B57MC Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M38B57MC-111FP MITSUBISHI-M38B57MC-111FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
M38B57MC-132FP MITSUBISHI-M38B57MC-132FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
M38B57MC-XXXFP RENESAS-M38B57MC-XXXFP Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M38B57MCH-E206FP MITSUBISHI-M38B57MCH-E206FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
More results

Description similaire - M38B57MC

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com