Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK984-190-E Fiches technique(PDF) 9 Page - ON Semiconductor

No de pièce STK984-190-E
Description  MOSFET Power Module 40 V, 30 A, Compact DIP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK984-190-E Fiches technique(HTML) 9 Page - ON Semiconductor

Back Button STK984-190-E_16 Datasheet HTML 3Page - ON Semiconductor STK984-190-E_16 Datasheet HTML 4Page - ON Semiconductor STK984-190-E_16 Datasheet HTML 5Page - ON Semiconductor STK984-190-E_16 Datasheet HTML 6Page - ON Semiconductor STK984-190-E_16 Datasheet HTML 7Page - ON Semiconductor STK984-190-E_16 Datasheet HTML 8Page - ON Semiconductor STK984-190-E_16 Datasheet HTML 9Page - ON Semiconductor STK984-190-E_16 Datasheet HTML 10Page - ON Semiconductor STK984-190-E_16 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
STK984-190-E
www.onsemi.com
9
Mounting Instructions
Item
Recommended Condition
Pitch
26.0±0.1 mm (Please refer to Package Outline Diagram)
Screw
Diameter : M3
Screw head types: pan head, truss head, binding head
Washer
Plane washer dimensions (Figure 14)
D = 7 mm, d = 3.2 mm and t = 0.5 mm JIS B 1256
Heat sink
Material: Aluminum or Copper
Warpage (the surface that contacts IPM ) :
50 to 50 μm
Screw holes must be countersunk.
No contamination on the heat sink surface that contacts IPM.
Torque
Temporary tightening : 50 to 60 % of final tightening on first screw
Temporary tightening : 50 to 60 % of final tightening on second screw
Final tightening : 0.4 to 0.6Nm on first screw
Final tightening : 0.4 to 0.6Nm on second screw
Grease
Silicone grease.
Thickness : 50 to 100 μm
Uniformly apply silicon grease to whole back.
Thermal foils are only recommended after careful evaluation. Thickness, stiffness and
compressibility parameters have a strong influence on performance.
Figure 14: Module Mounting details: components; washer drawing; need for even spreading of thermal grease
Recommended
Not recommended


Numéro de pièce similaire - STK984-190-E_16

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
STK984-190-E ONSEMI-STK984-190-E Datasheet
576Kb / 9P
   Mini Buck Converter for RF Power Amplifiers
October 2015 - Rev. P0
More results

Description similaire - STK984-190-E_16

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NTD4813NH ONSEMI-NTD4813NH Datasheet
90Kb / 8P
   Power MOSFET 30 V, 40 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD4813N ONSEMI-NTD4813N Datasheet
308Kb / 8P
   Power MOSFET 30 V, 40 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 6
NVF5P03T3G ONSEMI-NVF5P03T3G Datasheet
150Kb / 7P
   Power MOSFET 5.2 A, 30 V
October, 2011 ??Rev. 5
NVXK2TR40WXT ONSEMI-NVXK2TR40WXT Datasheet
798Kb / 7P
   SiC Power MOSFET Module 1200 V, 40 m, 27 A H-Bridge Power Module
July 2022 - Rev. 1
NFAM3065L4BL ONSEMI-NFAM3065L4BL Datasheet
410Kb / 11P
   Intelligent Power Module (IPM) 650 V, 30 A
February, 2021 ??Rev. P1
STK581U3C2D-E ONSEMI-STK581U3C2D-E Datasheet
436Kb / 15P
   Intelligent Power Module (IPM) 600 V, 30 A
September 2016 - Rev. 1
NFAM3065L4BT ONSEMI-NFAM3065L4BT Datasheet
286Kb / 10P
   Intelligent Power Module (IPM), 650 V, 30 A
April, 2020 ??Rev. 1
NFAM3065L4BTL ONSEMI-NFAM3065L4BTL Datasheet
262Kb / 10P
   Intelligent Power Module (IPM) 650 V, 30 A
August, 2021 ??Rev. 0
NFAM3065L4B ONSEMI-NFAM3065L4B Datasheet
388Kb / 10P
   Intelligent Power Module(IPM), 650 V, 30 A
April, 2020 ??Rev. 1
NTMFS5830NLT1G ONSEMI-NTMFS5830NLT1G Datasheet
114Kb / 6P
   Power MOSFET 40 V, 172 A, 2.3 m
June, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com