Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI1012R Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce SI1012R
Description  N-Channel 1.8-V (G-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1012R Fiches technique(HTML) 4 Page - Vishay Siliconix

  SI1012R Datasheet HTML 1Page - Vishay Siliconix SI1012R Datasheet HTML 2Page - Vishay Siliconix SI1012R Datasheet HTML 3Page - Vishay Siliconix SI1012R Datasheet HTML 4Page - Vishay Siliconix SI1012R Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Si1012R/X
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 71166
S-02464—Rev. A, 25-Oct-00
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS NOTED)
–0.3
–0.2
–0.1
–0.0
0.1
0.2
0.3
–50
–25
0
25
50
75
100
125
ID = 0.25 mA
Threshold Voltage Variance vs. Temperature
TJ – Temperature (_C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
–50
–25
0
25
50
75
100
125
IGSS vs. Temperature
TJ – Temperature (_C)
0
1
2
3
4
5
6
7
–50
–25
0
25
50
75
100
125
BVGSS vs. Temperature
TJ – Temperature (_C)
10–3
10–2
1
10
600
10–1
10–4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Ambient (SC-75A)
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 833_C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
VGS = 4.5 V


Numéro de pièce similaire - SI1012R

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R Datasheet
94Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
Rev. B, 28-Feb-05
SI1012R VISHAY-SI1012R Datasheet
108Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Jul-08
SI1012R VISHAY-SI1012R Datasheet
204Kb / 10P
   N-Channel 1.8 V (G-S) MOSFET
Rev. D, 25-Oct-10
SI1012R VISHAY-SI1012R Datasheet
235Kb / 11P
   N-Channel 1.8 V (G-S) MOSFET
Rev. E, 15-Apr-13
SI1012R VISHAY-SI1012R Datasheet
172Kb / 8P
   N-Channel 1.8 V (G-S) MOSFET
Rev. E, 15-Apr-13
More results

Description similaire - SI1012R

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R_05 Datasheet
94Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
Rev. B, 28-Feb-05
SI1012R VISHAY-SI1012R_17 Datasheet
172Kb / 8P
   N-Channel 1.8 V (G-S) MOSFET
Rev. E, 15-Apr-13
logo
Leshan Radio Company
LSI1012XT1G LRC-LSI1012XT1G_15 Datasheet
324Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012LT1G LRC-LSI1012LT1G_15 Datasheet
457Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G_15 Datasheet
398Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012XT1G LRC-LSI1012XT1G Datasheet
341Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R_10 Datasheet
204Kb / 10P
   N-Channel 1.8 V (G-S) MOSFET
Rev. D, 25-Oct-10
logo
Leshan Radio Company
LSI1012LT1G LRC-LSI1012LT1G Datasheet
442Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G Datasheet
323Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
logo
First Silicon Co., Ltd
FTK1012S FS-FTK1012S Datasheet
353Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com