Moteur de recherche de fiches techniques de composants électroniques |
|
M38B4XMXH Fiches technique(PDF) 13 Page - Mitsubishi Electric Semiconductor |
|
M38B4XMXH Fiches technique(HTML) 13 Page - Mitsubishi Electric Semiconductor |
13 / 78 page 13 38B4 Group SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS I/O PORTS [Direction Registers] PiD The 38B4 group has 51 programmable I/O pins arranged in eight individual I/O ports (P0, P2, P40–P46, and P5–P9). The I/O ports have direction registers which determine the input/output direction of each individual pin. Each bit in a direction register corresponds to one pin, and each pin can be set to be input port or output port. When “0” is written to the bit corresponding to a pin, that pin becomes an input pin. When “1” is written to that pin, that pin becomes an output pin. If data is read from a pin set to output, the value of the port output latch is read, not the value of the pin itself. Pins set to input (the bit corresponding to that pin must be set to “0”) are floating and the value of that pin can be read. If a pin set to input is written to, only the port output latch is written to and the pin remains floating. [High-Breakdown-Voltage Output Ports] The 38B4 group has 5 ports with high-breakdown-voltage pins (ports P0–P3 and P80–P83). The high-breakdown-voltage ports have P- channel open-drain output with Vcc- 45 V of breakdown voltage. Each pin in ports P0, P1, and P3 has an internal pull-down resistor con- nected to VEE. At reset, the P-channel output transistor of each port latch is turned off, so that it goes to VEE level (“L”) by the pull-down resistor. Writing “1” (weak drivability) to bit 7 of the FLDC mode register (ad- dress 0EF416) shows the rising transition of the output transistors for reducing transient noise. At reset, bit 7 of the FLDC mode register is set to “0” (strong drivability). [Pull-up Control Register] PULL Ports P5, P61–P65, P7, P84–P87 and P9 have built-in programmable pull-up resistors. The pull-up resistors are valid only in the case that the each control bit is set to “1” and the corresponding port direction registers are set to input mode. Fig. 10 Structure of pull-up control registers (PULL1 and PULL2) 0: No pull-up 1: Pull-up Pull-up control register 2 (PULL2 : address 0EF116) P70, P71 pull-up control bit P72, P73 pull-up control bit P74, P75 pull-up control bit P76, P77 pull-up control bit P84, P85 pull-up control bit P86, P87 pull-up control bit P90, P91 pull-up control bit Not used (returns “0” when read) b7 b0 0: No pull-up 1: Pull-up Pull-up control register 1 (PULL1 : address 0EF016) P50, P51 pull-up control bit P52, P53 pull-up control bit P54, P55 pull-up control bit P56, P57 pull-up control bit P61 pull-up control bit P62, P63 pull-up control bit P64, P65 pull-up control bit Not used (returns “0” when read) b7 b0 |
Numéro de pièce similaire - M38B4XMXH |
|
Description similaire - M38B4XMXH |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |