Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2903AQM8-13 Fiches technique(PDF) 1 Page - Diodes Incorporated

No de pièce LM2903AQM8-13
Description  AUTOMOTIVE COMPLIANT DUAL AND QUAD DIFFERENTIAL COMPARATORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM2903AQM8-13 Fiches technique(HTML) 1 Page - Diodes Incorporated

  LM2903AQM8-13 Datasheet HTML 1Page - Diodes Incorporated LM2903AQM8-13 Datasheet HTML 2Page - Diodes Incorporated LM2903AQM8-13 Datasheet HTML 3Page - Diodes Incorporated LM2903AQM8-13 Datasheet HTML 4Page - Diodes Incorporated LM2903AQM8-13 Datasheet HTML 5Page - Diodes Incorporated LM2903AQM8-13 Datasheet HTML 6Page - Diodes Incorporated LM2903AQM8-13 Datasheet HTML 7Page - Diodes Incorporated LM2903AQM8-13 Datasheet HTML 8Page - Diodes Incorporated LM2903AQM8-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM2901Q/LM2901AQ/LM2903Q/LM2903AQ
Document number: DS37814 Rev. 2 - 2
1 of 19
www.diodes.com
June 2016
© Diodes Incorporated
LM2901Q/ LM2901AQ/
LM2903Q/ LM2903AQ
AUTOMOTIVE COMPLIANT DUAL AND QUAD DIFFERENTIAL COMPARATORS
Description
The LM2901Q/2903Q series comparators consist of four and two
independent precision voltage comparators with very low input offset
voltage specification. They are designed to operate from a single
power supply over a wide range of voltages; however operation from
split power supplies is also possible. They offer low power supply
current independent of the magnitude of the power supply voltage.
The LM2901Q/2903Q series comparators are designed to directly
interface with TTL and CMOS.
The LM2903Q dual devices are available in SO-8, MSOP-8 and
TSSOP-8; and the LM2901Q quad devices are available in SO-14
and TSSOP-14 - all are in industry-standard pinouts.
All use
“green” mold compound and are qualified to AEC-Q100
Grade 1 and are Automotive Compliant supporting PPAPs.
Features
Wide Power Supply Range:
Single Supply: 2V to 36V
Dual Supplies: ±1.0V to ±18V
Very Low Supply Current Drain
– Independent of Supply Voltage
LM2903Q: 0.6mA
LM2901Q: 0.9mA
Low Input Bias Current: 25nA
Low Input Offset Current: ±5nA
Typical Offset Voltage:
Non-A Device: 2mV
A Device: 1mV
Common-Mode Input Voltage Range Includes Ground
Differential Input Voltage Range Equal to the Power Supply
Voltage
Low Output Saturation Voltage:
LM2903Q: 200mV at 4mA
LM2901Q: 100mV at 4mA
Output Voltage Compatible with TTL, MOS and CMOS
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q100 Grade 1
PPAP Capable (Note 4)
Pin Assignments
LM2903Q/ LM2903AQ
(Top View)
1
2
3
7
6
5
4
8
SO-8/TSSOP-8/MSOP-8
1OUT
VCC
2IN-
2IN+
1IN-
1IN+
GND
2OUT
1
-
+
2
-
LM2901Q/ LM2901AQ
(Top View)
1
2
3
13
12
11
4
14
SO-14/TSSOP-14
1OUT
3OUT
GND
7
6
5
9
10
8
4IN+
3IN-
3IN+
4IN-
2OUT
VCC
2IN-
2IN+
1IN-
1IN+
4OUT
2
-
1
-
-
4
-
3
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q100 qualified and are PPAP capable. Refer http://www.diodes.com/quality/product_compliance_definitions/.


Numéro de pièce similaire - LM2903AQM8-13

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
LM2903A DIODES-LM2903A Datasheet
752Kb / 18P
   DUAL AND QUAD DIFFERENTIAL COMPARATORS
LM2903AM8-13 DIODES-LM2903AM8-13 Datasheet
752Kb / 18P
   DUAL AND QUAD DIFFERENTIAL COMPARATORS
LM2903AS-13 DIODES-LM2903AS-13 Datasheet
752Kb / 18P
   DUAL AND QUAD DIFFERENTIAL COMPARATORS
LM2903ATH-13 DIODES-LM2903ATH-13 Datasheet
752Kb / 18P
   DUAL AND QUAD DIFFERENTIAL COMPARATORS
logo
Texas Instruments
LM2903AVQDR TI1-LM2903AVQDR Datasheet
1Mb / 40P
[Old version datasheet]   LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
More results

Description similaire - LM2903AQM8-13

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
LM2901 DIODES-LM2901 Datasheet
752Kb / 18P
   DUAL AND QUAD DIFFERENTIAL COMPARATORS
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1_18 Datasheet
1Mb / 23P
[Old version datasheet]   Automotive Dual Differential Comparators
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com