Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA2S0965 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce KA2S0965
Description  Fairchild Power Switch(SPS)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA2S0965 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  KA2S0965 Datasheet HTML 1Page - Fairchild Semiconductor KA2S0965 Datasheet HTML 2Page - Fairchild Semiconductor KA2S0965 Datasheet HTML 3Page - Fairchild Semiconductor KA2S0965 Datasheet HTML 4Page - Fairchild Semiconductor KA2S0965 Datasheet HTML 5Page - Fairchild Semiconductor KA2S0965 Datasheet HTML 6Page - Fairchild Semiconductor KA2S0965 Datasheet HTML 7Page - Fairchild Semiconductor KA2S0965 Datasheet HTML 8Page - Fairchild Semiconductor KA2S0965 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
KA2S0965/KA2S09655
3
Electrical Characteristics (SFET part)
(Ta = 25
°C unless otherwise specified)
Note:
Pulse test: Pulse width < 300
µS, duty cycle < 2%
Characteristic
Symbol
Test condition
Min.
Typ.
Max.
Unit
Drain-source breakdown voltage
BVDSS
VGS=0V, ID=50
µA
650
-
-
V
Zero gate voltage drain current
IDSS
VDS=Max., Rating,
VGS=0V
--
50
µA
VDS=0.8Max., Rating,
VGS=0V, TC=125
°C
-
-
200
mA
Static drain-source on resistance (note)
RDS(ON)
VGS=10V, ID=4.5A
-
0.96
1.2
W
Forward transconductance (note)
gfs
VDS=50V, ID=4.5A
5.0
-
-
S
Input capacitance
Ciss
VGS=0V, VDS=25V,
f=1MHz
-
1750
-
pF
Output capacitance
Coss
-
190
-
Reverse transfer capacitance
Crss
-78
-
Turn on delay time
td(on)
VDD=0.5BVDSS, ID=9.0A
(MOSFET switching
time are essentially
independent of
operating temperature)
-20
50
nS
Rise time
tr
-23
55
Turn off delay time
td(off)
-
85
180
Fall time
tf
-30
70
Total gate charge
(gate-source+gate-drain)
Qg
VGS=10V, ID=9.0A,
VDS=0.5BVDSS (MOSFET
switching time are
essentially independent of
operating temperature)
-74
95
nC
Gate-source charge
Qgs
-12
-
Gate-drain (Miller) charge
Qgd
-
35.4
-
S
1
R
----
=


Numéro de pièce similaire - KA2S0965

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA2S0680 FAIRCHILD-KA2S0680 Datasheet
139Kb / 8P
   SPS
KA2S0680B FAIRCHILD-KA2S0680B Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0680B-TU FAIRCHILD-KA2S0680B-TU Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0680B-YDTU FAIRCHILD-KA2S0680B-YDTU Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0765 FAIRCHILD-KA2S0765 Datasheet
111Kb / 10P
   Fairchild Power Switch(FPS)
More results

Description similaire - KA2S0965

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA5M0765RQC FAIRCHILD-KA5M0765RQC Datasheet
755Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0680B FAIRCHILD-KA2S0680B Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
KA1L0380B FAIRCHILD-KA1L0380B Datasheet
75Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965RC FAIRCHILD-FS6S0965RC Datasheet
135Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0880B FAIRCHILD-KA2S0880B Datasheet
85Kb / 12P
   Fairchild Power Switch(SPS)
KA3S0765R FAIRCHILD-KA3S0765R Datasheet
120Kb / 14P
   Fairchild Power Switch(SPS)
KA2S1265 FAIRCHILD-KA2S1265 Datasheet
86Kb / 12P
   Fairchild Power Switch(SPS)
KA3S0880RB FAIRCHILD-KA3S0880RB Datasheet
100Kb / 14P
   Fairchild Power Switch(SPS)
KA5M0965Q FAIRCHILD-KA5M0965Q Datasheet
636Kb / 14P
   Fairchild Power Switch(SPS)
FS6S0965R FAIRCHILD-FS6S0965R Datasheet
193Kb / 16P
   Power Switch(SPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com