Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC2G126HK3-7 Fiches technique(PDF) 3 Page - Diodes Incorporated

No de pièce 74LVC2G126HK3-7
Description  DUAL BUFFER GATE WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G126HK3-7 Fiches technique(HTML) 3 Page - Diodes Incorporated

  74LVC2G126HK3-7 Datasheet HTML 1Page - Diodes Incorporated 74LVC2G126HK3-7 Datasheet HTML 2Page - Diodes Incorporated 74LVC2G126HK3-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC2G126HK3-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC2G126HK3-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC2G126HK3-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC2G126HK3-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC2G126HK3-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC2G126HK3-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
74LVC2G126
Document number: DS37933 Rev. 2 - 2
3 of 11
www.diodes.com
June 2016
© Diodes Incorporated
74LVC2G126
Absolute Maximum Ratings (Notes 7 & 8)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
kV
ESD CDM
Charged Device Model ESD Protection
1
kV
VCC
Supply Voltage
-0.5 to +6.5
V
VI
Input Voltage
-0.5 to +6.5
V
VO
Output Voltage - Active Mode
-0.5 to VCC +0.5
V
Output Voltage Power Down Mode
-0.5 to +6.5
V
IIK
Input Clamp Current VI<0
-50
mA
IOK
Output Clamp Current (VO < 0 OR VO > Vcc )
±50
mA
IO
Continuous Output Current (VO = 0 to VCC)
±50
mA
ICC
Continuous Current Through VCC
100
mA
IGND
Continuous Current Through GND
-100
mA
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
Notes:
7. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device
operation should be within recommend values.
8. Forcing the maximum allowed voltage could cause a condition exceeding the maximum current or conversely forcing the maximum current could
cause a condition exceeding the maximum voltage. The ratings of both current and voltage must be maintained within the controlled range.
Recommended Operating Conditions (Note 9)
Symbol
Parameter
Min
Max
Unit
VCC
Operating Voltage
Operating
1.65
5.5
V
Data Retention Only
1.5
VI
Input Voltage
0
5.5
V
VO
Output Voltage Active Mode
0
VCC
V
Output Voltage Power-Down Mode
0
5.5
IOH
High-Level Output Current
VCC = 1.65V
-4
mA
VCC = 2.3V
-8
VCC = 2.7V
-12
VCC = 3.0V
-16
-24
VCC = 4.5V
-32
IOL
Low-Level Output Current
VCC = 1.65V
4
mA
VCC = 2.3V
8
VCC = 2.7V
12
VCC = 3.0V
16
24
VCC = 4.5V
32
Δt/ΔV
Input Transition Rise or Fall Rate
VCC = 1.65V to 2.7V
20
ns/V
VCC = 2.7V to 5.5V
10
TA
Operating Free-Air Temperature
-40
+125
°C
Note:
9. Unused inputs should be held at VCC or Ground.


Numéro de pièce similaire - 74LVC2G126HK3-7

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC2G126 PHILIPS-74LVC2G126 Datasheet
95Kb / 16P
   Dual bus buffer/line driver; 3-state
2004 Sep 22
74LVC2G126 NXP-74LVC2G126 Datasheet
92Kb / 16P
   Dual bus buffer/line driver; 3-state
Rev. 06-7 September 2007
74LVC2G126 NXP-74LVC2G126 Datasheet
448Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 08-5 May 2008
logo
Nexperia B.V. All right...
74LVC2G126 NEXPERIA-74LVC2G126 Datasheet
270Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 15 - 28 April 2020
74LVC2G126-Q100 NEXPERIA-74LVC2G126-Q100 Datasheet
212Kb / 12P
   Bus buffer/line driver; 3-state
More results

Description similaire - 74LVC2G126HK3-7

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74LVC2G125 DIODES-74LVC2G125 Datasheet
509Kb / 11P
   DUAL BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AHC2G126 TI1-SN74AHC2G126 Datasheet
86Kb / 6P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G125 UTC-U74LVC2G125_15 Datasheet
199Kb / 6P
   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC2G126 TI-SN74AUC2G126 Datasheet
261Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI1-SN74LVC2G125_18 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Bus Buffer Gate With 3-State Outputs
SN74LVC2G126-EP TI1-SN74LVC2G126-EP Datasheet
767Kb / 13P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI-SN74LVC2G125 Datasheet
346Kb / 13P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3 STATE OUTPUTS
SN74LVC2G126 TI-SN74LVC2G126_08 Datasheet
430Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125-Q1 TI-SN74LVC2G125-Q1 Datasheet
138Kb / 8P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G126 UTC-U74LVC2G126 Datasheet
173Kb / 6P
   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com