Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC2G86HK3-7 Fiches technique(PDF) 5 Page - Diodes Incorporated

No de pièce 74LVC2G86HK3-7
Description  DUAL 2-INPUT EXCLUSIVE-OR GATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G86HK3-7 Fiches technique(HTML) 5 Page - Diodes Incorporated

  74LVC2G86HK3-7 Datasheet HTML 1Page - Diodes Incorporated 74LVC2G86HK3-7 Datasheet HTML 2Page - Diodes Incorporated 74LVC2G86HK3-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC2G86HK3-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC2G86HK3-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC2G86HK3-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC2G86HK3-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC2G86HK3-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC2G86HK3-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
74LVC2G86
Document number: DS37931 Rev 1 - 2
5 of 11
www.diodes.com
June 2016
© Diodes Incorporated
74LVC2G86
Operating Characteristics
Parameter
Test
Conditions
VCC = 1.8V
VCC = 2.5V
VCC = 3.3V
VCC = 5V
Unit
Typ.
Typ.
Typ.
Typ.
Cpd
Power Dissipation
Capacitance
f = 10MHz
20
20
20
22
pF
Package Characteristics
Symbol
Parameter
Package
Test Conditions
Min
Typ.
Max
Unit
θJA
Thermal Resistance Junction-
to-Ambient
X2-DFN2010-8
(Note 10)
313
°C/W
X2-DFN1410-8
321
X2-DFN1210-8
395
θJC
Thermal Resistance Junction-
to-Case
X2-DFN2010-8
(Note 10)
145
°C/W
X2-DFN1410-8
166
X2-DFN1210-8
236
Note:
10. Test condition for each package type: Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
Switching Characteristics
Typical Values at TA = +25°C and nominal voltages 1.8V, 2.5V, 2.7V, 3.3V, and 5.0V. See Figure 1.
Parameter
From
Input
To
Output
VCC
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
tpd
A or B
Y
1.8V ± 0.15V
1.4
3.8
9.9
1.4
12.4
ns
2.5V ± 0.2V
0.8
2.5
6.0
0.8
7.2
2.7V
0.8
3.0
6.0
0.8
7.2
3.3V ± 0.3V
0.8
2.3
5.5
0.8
6.0
5.0V ± 0.5V
0.6
1.9
5.3
0.6
5.6


Numéro de pièce similaire - 74LVC2G86HK3-7

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC2G86 PHILIPS-74LVC2G86 Datasheet
82Kb / 15P
   Dual 2-input exclusive-OR gate
Rev. 03-7 February 2005
74LVC2G86 NXP-74LVC2G86 Datasheet
87Kb / 15P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 05-7 September 2007
logo
Nexperia B.V. All right...
74LVC2G86 NEXPERIA-74LVC2G86 Datasheet
285Kb / 18P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 15 - 21 June 2022
74LVC2G86-Q100 NEXPERIA-74LVC2G86-Q100 Datasheet
785Kb / 14P
   Dual 2-input EXCLUSIVE-OR gate
logo
NXP Semiconductors
74LVC2G86DC PHILIPS-74LVC2G86DC Datasheet
82Kb / 15P
   Dual 2-input exclusive-OR gate
Rev. 03-7 February 2005
More results

Description similaire - 74LVC2G86HK3-7

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC2G86 NXP-74LVC2G86 Datasheet
87Kb / 15P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 05-7 September 2007
logo
Texas Instruments
SN74AUC2G86 TI-SN74AUC2G86 Datasheet
231Kb / 10P
[Old version datasheet]   DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
Nexperia B.V. All right...
74LVC2G86 NEXPERIA-74LVC2G86 Datasheet
285Kb / 18P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 15 - 21 June 2022
logo
NXP Semiconductors
74HC2G86 PHILIPS-74HC2G86 Datasheet
85Kb / 17P
   Dual 2-input exclusive-OR gate
2003 Jul 28
74LVC2G86 PHILIPS-74LVC2G86 Datasheet
82Kb / 15P
   Dual 2-input exclusive-OR gate
Rev. 03-7 February 2005
logo
Texas Instruments
SN74LVC2G86 TI1-SN74LVC2G86 Datasheet
918Kb / 17P
[Old version datasheet]   Dual 2-Input Exclusive-OR Gate
logo
ON Semiconductor
NLX2G86 ONSEMI-NLX2G86 Datasheet
133Kb / 5P
   Dual 2-Input Exclusive-OR Gate
April, 2009 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC2G86-Q100 NEXPERIA-74LVC2G86-Q100 Datasheet
785Kb / 14P
   Dual 2-input EXCLUSIVE-OR gate
logo
ON Semiconductor
NL27WZ86 ONSEMI-NL27WZ86_V01 Datasheet
353Kb / 9P
   Dual 2-Input Exclusive-OR Gate
October, 2020 - Rev. 9
logo
STMicroelectronics
74V2G86 STMICROELECTRONICS-74V2G86 Datasheet
132Kb / 7P
   DUAL 2-INPUT EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com