Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRL530N Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRL530N
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRL530N Fiches technique(HTML) 2 Page - International Rectifier

  IRL530N Datasheet HTML 1Page - International Rectifier IRL530N Datasheet HTML 2Page - International Rectifier IRL530N Datasheet HTML 3Page - International Rectifier IRL530N Datasheet HTML 4Page - International Rectifier IRL530N Datasheet HTML 5Page - International Rectifier IRL530N Datasheet HTML 6Page - International Rectifier IRL530N Datasheet HTML 7Page - International Rectifier IRL530N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRL530N
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.122 –––
V/°C
Reference to 25°C, ID = 1mA
–––
––– 0.100
VGS = 10V, ID = 9.0A
„
–––
––– 0.120
VGS = 5.0V, ID = 9.0A
„
–––
––– 0.150
VGS = 4.0V, ID = 8.0A
„
VGS(th)
Gate Threshold Voltage
1.0
–––
2.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
7.7
–––
–––
S
VDS = 25V, ID = 9.0A
–––
–––
25
µA
VDS = 100V, VGS = 0V
–––
–––
250
VDS = 80V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 16V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -16V
Qg
Total Gate Charge
–––
–––
34
ID = 9.0A
Qgs
Gate-to-Source Charge
–––
–––
4.8
nC
VDS = 80V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
20
VGS = 5.0V, See Fig. 6 and 13
„
td(on)
Turn-On Delay Time
–––
7.2
–––
VDD = 50V
tr
Rise Time
–––
53
–––
ns
ID = 9.0A
td(off)
Turn-Off Delay Time
–––
30
–––
RG = 6.0Ω, VGS = 5.0V
tf
Fall Time
–––
26
–––
RD = 5.5Ω, See Fig. 10
„
Between lead,
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
800
–––
VGS = 0V
Coss
Output Capacitance
–––
160
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
90
–––
ƒ = 1.0MHz, See Fig. 5
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
‚ Starting T
J = 25°C, L = 3.7mH
RG = 25Ω, IAS = 9.0A. (See Figure 12)
.
Notes:
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
nH
IGSS
S
D
G
LS
Internal Source Inductance
–––
7.5
–––
RDS(on)
Static Drain-to-Source On-Resistance
LD
Internal Drain Inductance
–––
4.5
–––
IDSS
Drain-to-Source Leakage Current
ƒ I
SD ≤ 9.0A, di/dt ≤ 540A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
„ Pulse width ≤ 300µs; duty cycle ≤ 2%
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)
†
–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 9.0A, VGS = 0V
„
trr
Reverse Recovery Time
–––
140
210
ns
TJ = 25°C, IF = 9.0A
Qrr
Reverse RecoveryCharge
–––
740 1100
nC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
A
17
60


Numéro de pièce similaire - IRL530N

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
IRL530N ISC-IRL530N Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
IRL530NL ISC-IRL530NL Datasheet
300Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRL530NLPBF IRF-IRL530NLPBF Datasheet
465Kb / 11P
   HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.10廓 , ID=17A )
IRL530NLPBF IRF-IRL530NLPBF Datasheet
466Kb / 11P
   Adavanced Process Technology
IRL530NPBF IRF-IRL530NPBF Datasheet
466Kb / 11P
   Adavanced Process Technology
More results

Description similaire - IRL530N

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com