Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST15-48F-5S Fiches technique(PDF) 1 Page - Arch Electronics Corp.

No de pièce ST15-48F-5S
Description  Power Module for PCB Mountable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ARCH [Arch Electronics Corp.]
Site Internet  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ST15-48F-5S Fiches technique(HTML) 1 Page - Arch Electronics Corp.

  ST15-48F-5S Datasheet HTML 1Page - Arch Electronics Corp. ST15-48F-5S Datasheet HTML 2Page - Arch Electronics Corp. ST15-48F-5S Datasheet HTML 3Page - Arch Electronics Corp. ST15-48F-5S Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VER : D_4
update : 2016.09.01
Encapsulated DC-DC Converter
ST15 SERIES
15 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
ST15-12-3.3S
ST15-12-5S
ST15-12-12S
ST15-12-15S
ST15-12-24S
Input Voltage (V.DC.)
12V (9-18V)
12V (9-18V)
12V (9-18V)
12V (9-18V)
12V (9-18V)
Output Voltage (V.DC.)
3.3V / 3000mA
5V / 3000mA
12V / 1250mA
15V / 1000mA
24V / 625mA
Efficiency
77%
80%
82%
84%
84%
Model No.
ST15-24-3.3S
ST15-24-5S
ST15-24-12S
ST15-24-15S
ST15-24-24S
Input Voltage (V.DC.)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
Output Voltage (V.DC.)
3.3V / 3000mA
5V / 3000mA
12V / 1250mA
15V / 1000mA
24V / 625mA
Efficiency
77%
82%
85%
86%
87%
Model No.
ST15-24F-3.3S
ST15-24F-5S
ST15-24F-12S
ST15-24F-15S
Input Voltage (V.DC.)
24V (10-40V)
24V (10-40V)
24V (10-40V)
24V (10-40V)
Output Voltage (V.DC.)
3.3V / 3000mA
5V / 3000mA
12V / 1250mA
15V / 1000mA
Efficiency
70%
76%
77%
75%
Model No.
ST15-48-3.3S
ST15-48-5S
ST15-48-12S
ST15-48-15S
ST15-48-24S
Input Voltage (V.DC.)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
Output Voltage (V.DC.)
3.3V / 3000mA
5V / 3000mA
12V / 1250mA
15V / 1000mA
24V / 625mA
Efficiency
79%
83%
86%
87%
87%
Model No.
ST15-48F-3.3S
ST15-48F-5S
ST15-48F-12S
ST15-48F-15S
Input Voltage (V.DC.)
48V (18-75V)
48V (18-75V)
48V (18-75V)
48V (18-75V)
Output Voltage (V.DC.)
3.3V / 3000mA
5V / 3000mA
12V / 1250mA
15V / 1000mA
Efficiency
71%
78%
79%
79%
Model No. ( Dual Output )
ST15-24F-5D
ST15-24F-12D
ST15-24F-15D
Input Voltage (V.DC.)
24V (10-40V)
24V (10-40V)
24V (10-40V)
Output Voltage (V.DC.)
5V / 1500mA
12 / 625mA
15 / 500mA
Efficiency
78%
79%
79%
Model No. ( Dual Output )
ST15-48F-5D
ST15-48F-12D
ST15-48F-15D
Input Voltage (V.DC.)
48V (18-75V)
48V (18-75V)
48V (18-75V)
Output Voltage (V.DC.)
5V / 1500mA
12 / 625mA
15 / 500mA
Efficiency
78%
79%
79%
KEY FEATURES
 Power Module for PCB Mountable
 2:1 & 4:1 Wide Input Range
 Regulated Output
 Low Ripple and Noise
 Screw Terminal For Optional
 Remote ON/OFF Control (Optional)
 Standard 2” x 1” Package and Pinout
 CE, UL Approval
 3-Years Product Warranty


Numéro de pièce similaire - ST15-48F-5S

FabricantNo de pièceFiches techniqueDescription
logo
Arch Electronics Corp.
ST15-48F-5S ARCH-ST15-48F-5S Datasheet
193Kb / 4P
   Encapsulated DC-DC Converter
ST15-48F-5S ARCH-ST15-48F-5S Datasheet
316Kb / 4P
   Encapsulated DC-DCConverter
More results

Description similaire - ST15-48F-5S

FabricantNo de pièceFiches techniqueDescription
logo
Arch Electronics Corp.
ST10 ARCH-ST10_16 Datasheet
205Kb / 4P
   Power Module for PCB Mountable
SB05 ARCH-SB05_16 Datasheet
152Kb / 2P
   Power Module for PCB Mountable
SK30 ARCH-SK30_16 Datasheet
267Kb / 3P
   Power Module for PCB Mountable
ST20 ARCH-ST20_16 Datasheet
194Kb / 3P
   Power Module for PCB Mountable
ST30 ARCH-ST30_16 Datasheet
222Kb / 4P
   Power Module for PCB Mountable
SH08 ARCH-SH08_16 Datasheet
198Kb / 3P
   Power Module for PCB Mountable
SH10 ARCH-SH10_16 Datasheet
200Kb / 3P
   Power Module for PCB Mountable
ST60 ARCH-ST60 Datasheet
191Kb / 2P
   Power Module for PCB Mountable
SB03 ARCH-SB03_16 Datasheet
152Kb / 2P
   Power Module for PCB Mountable
SB08 ARCH-SB08_16 Datasheet
149Kb / 3P
   Power Module for PCB Mountable
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com