Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC7643VFBR Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce DAC7643VFBR
Description  16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DAC7643VFBR Fiches technique(HTML) 8 Page - Texas Instruments

Back Button DAC7643VFBR Datasheet HTML 4Page - Texas Instruments DAC7643VFBR Datasheet HTML 5Page - Texas Instruments DAC7643VFBR Datasheet HTML 6Page - Texas Instruments DAC7643VFBR Datasheet HTML 7Page - Texas Instruments DAC7643VFBR Datasheet HTML 8Page - Texas Instruments DAC7643VFBR Datasheet HTML 9Page - Texas Instruments DAC7643VFBR Datasheet HTML 10Page - Texas Instruments DAC7643VFBR Datasheet HTML 11Page - Texas Instruments DAC7643VFBR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
DAC7642, DAC7643
8
SBAS233
www.ti.com
TYPICAL CHARACTERISTICS: VSS = 0V (Cont.)
At TA = +25°C, VCC = +5V, VSS = 0V, VREFH = +2.5V, VREFL = 0V, representative unit, unless otherwise specified.
1000
100
10
Frequency (Hz)
10
100
1000
10000
100000
1000000
OUTPUT NOISE VOLTAGE vs FREQUENCY
BROADBAND NOISE
Time (10
µs/div)
+5V
LDAC
0
Time (2
µs/div)
OUTPUT VOLTAGE vs SETTLING TIME
(0V to +2.5V)
Large-Signal Settling Time: 1V/div
Small-Signal Settling Time: 500
µV/div
Time (1
µs/div)
OUTPUT VOLTAGE
vs MIDSCALE GLITCH PERFORMANCE
+5V
LDAC
0
7FFF
H to 8000H
Time (1
µs/div)
OUTPUT VOLTAGE
vs MIDSCALE GLITCH PERFORMANCE
+5V
LDAC
0
8000
H to 7FFFH
Time (2
µs/div)
OUTPUT VOLTAGE vs SETTLING TIME
(+2.5V to 2mV)
+5V
LDAC
0
Large-Signal Settling Time: 1V/div
Small-Signal Settling
Time: 500
µV/div


Numéro de pièce similaire - DAC7643VFBR

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
DAC7643VFBR BURR-BROWN-DAC7643VFBR Datasheet
806Kb / 22P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7643VFBR TI1-DAC7643VFBR Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7643VFBRG4 TI1-DAC7643VFBRG4 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Description similaire - DAC7643VFBR

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
DAC7654 BURR-BROWN-DAC7654 Datasheet
472Kb / 28P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7642 BURR-BROWN-DAC7642 Datasheet
806Kb / 22P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7632 BURR-BROWN-DAC7632 Datasheet
846Kb / 21P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7642 TI1-DAC7642_15 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 TI1-DAC7641_08 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7641 BURR-BROWN-DAC7641 Datasheet
1,000Kb / 18P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 BURR-BROWN-DAC7641_08 Datasheet
1Mb / 22P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com