Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BY127 Fiches technique(PDF) 2 Page - Diode Semiconductor Korea

No de pièce BY127
Description  PLASTIC SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DSK [Diode Semiconductor Korea]
Site Internet  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BY127 Fiches technique(HTML) 2 Page - Diode Semiconductor Korea

  BY127 Datasheet HTML 1Page - Diode Semiconductor Korea BY127 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
0
100
10
20
30
40
45
10
8.3ms Single Half
(JEDEC Method)
Sine-Wave
440
0.2
0
0.4
0.6
0.8
1.0
0
25
50
75
100
125
150
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
175
.01
.1
1
10
1.2
1.4
20
1.5
Pulse Width=300μs
     TJ=25
4
.4
.04
.6
.8
1.0
CHARACTERISTICS
BY127
AMBIENT TEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.1 -- TYPICAL FORWARD CURRENT DERATING CURVE
FIG.2 -- TYPICAL INSTANTANEOUS FORWARD
REVERSE VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
FIG.5 -- TYPICAL JUNCTION CAPACITANCE
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
FIG.3 -- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0
.01
20
40
60
1
10
80
100
120
140
TJ=25℃
.1
.4
4
.04
TJ=100℃
.1
1
10
10
40
100
200
40
100
4
.4
4
1
TJ=25℃
www.diode.kr
Diode Semiconductor Korea


Numéro de pièce similaire - BY127

FabricantNo de pièceFiches techniqueDescription
logo
Jinan Gude Electronic D...
BY127 JGD-BY127 Datasheet
144Kb / 2P
   0.25 TO 0.5 AMP.SILICON RECTIFIERS
logo
List of Unclassifed Man...
BY127 ETC2-BY127 Datasheet
172Kb / 2P
   High reverse voltage
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shanghai Shunye Electro...
BY127 SHUNYE-BY127 Datasheet
232Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
GOOD-ARK Electronics
BY127 GOOD-ARK-BY127 Datasheet
169Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results

Description similaire - BY127

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
1N5391 PANJIT-1N5391_09 Datasheet
74Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
RL101 BILIN-RL101 Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
EM1Y BILIN-EM1Y Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
ERC04-02F BILIN-ERC04-02F Datasheet
60Kb / 2P
   PLASTIC SILICON RECTIFIER
ERD03-02 BILIN-ERD03-02 Datasheet
50Kb / 2P
   PLASTIC SILICON RECTIFIER
GI500 BILIN-GI500 Datasheet
55Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
P600 CHENG-YI-P600 Datasheet
632Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
5A50 KISEMICONDUCTOR-5A50 Datasheet
57Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
PS150 PANJIT-PS150_07 Datasheet
72Kb / 2P
   PLASTIC SILICON RECTIFIER
PS200 PANJIT-PS200_07 Datasheet
59Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Transys Electronics
1N5391 TRSYS-1N5391 Datasheet
121Kb / 2P
   PLASTIC SILICON RECTIFIER
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com