Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD54HCT112 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD54HCT112
Description  Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CD54HCT112 Fiches technique(HTML) 3 Page - Texas Instruments

  CD54HCT112 Datasheet HTML 1Page - Texas Instruments CD54HCT112 Datasheet HTML 2Page - Texas Instruments CD54HCT112 Datasheet HTML 3Page - Texas Instruments CD54HCT112 Datasheet HTML 4Page - Texas Instruments CD54HCT112 Datasheet HTML 5Page - Texas Instruments CD54HCT112 Datasheet HTML 6Page - Texas Instruments CD54HCT112 Datasheet HTML 7Page - Texas Instruments CD54HCT112 Datasheet HTML 8Page - Texas Instruments CD54HCT112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 7V
DC Input Diode Current, IIK
For VI < -0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . . .±20mA
DC Drain Current, per Output, IO
For -0.5V < VO < VCC + 0.5V. . . . . . . . . . . . . . . . . . . . . . . . . .±25mA
DC Output Diode Current, IOK
For VO < -0.5V or VO > VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±20mA
DC Output Source or Sink Current per Output Pin, IO
For VO > -0.5V or VO < VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±25mA
DC VCC or Ground Current, ICC . . . . . . . . . . . . . . . . . . . . . . . . .±50mA
Operating Conditions
Temperature Range, TA . . . . . . . . . . . . . . . . . . . . . . -55
oC to 125oC
Supply Voltage Range, VCC
HC Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2V to 6V
HCT Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 5.5V
DC Input or Output Voltage, VI, VO . . . . . . . . . . . . . . . . . 0V to VCC
Input Rise and Fall Time, tr, tf
2V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0ms (Max)
4.5V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0ms (Max)
6V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0ms (Max)
Package Thermal Impedance,
θJA (see Note 2):
E (PDIP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67oC/W
NS (SOP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64oC/W
D (SOIC) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73oC/W
PW (TSSOP) Package . . . . . . . . . . . . . . . . . . . . . . . . . 108oC/W
Maximum Junction Temperature (Hermetic Package or Die) . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
2. The package thermal impedance is calculated in accordance with JESD 51-7.
DC Electrical Specifications
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
High Level Input
Voltage
VIH
-
-
2
1.5
-
-
1.5
-
1.5
-
V
4.5
3.15
-
-
3.15
-
3.15
-
V
6
4.2
-
-
4.2
-
4.2
-
V
Low Level Input
Voltage
VIL
-
-
2
-
-
0.5
-
0.5
-
0.5
V
4.5
-
-
1.35
-
1.35
-
1.35
V
6
-
-
1.8
-
1.8
-
1.8
V
High Level Output
Voltage
CMOS Loads
VOH
VIH or
VIL
-0.02
2
1.9
-
-
1.9
-
1.9
-
V
4.5
4.4
-
-
4.4
-
4.4
-
V
6
5.9
-
-
5.9
-
5.9
-
V
High Level Output
Voltage
TTL Loads
--
-
-
-
----
V
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
-5.2
6
5.48
-
-
5.34
-
5.2
-
V
Low Level Output
Voltage
CMOS Loads
VOL
VIH or
VIL
0.02
2
-
-
0.1
-
0.1
-
0.1
V
4.5
-
-
0.1
-
0.1
-
0.1
V
6
-
-
0.1
-
0.1
-
0.1
V
Low Level Output
Voltage
TTL Loads
--
-
-
-
----
V
4
4.5
-
-
0.26
-
0.33
-
0.4
V
5.2
6
-
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC or
GND
-6
-
-
±0.1
-
±1-
±1
µA
CD54HC112, CD74HC112, CD54HCT112, CD74HCT112


Numéro de pièce similaire - CD54HCT112

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54HCT112 TI-CD54HCT112 Datasheet
346Kb / 13P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HCT112 TI-CD54HCT112 Datasheet
643Kb / 18P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HCT112 TI1-CD54HCT112 Datasheet
1Mb / 29P
[Old version datasheet]   CDx4HC112, CDx4HCT112 Dual J-K Flip-Flop with Set and Reset with Negative-Edge Trigger
REVISED OCTOBER 2022
CD54HCT112F3A TI-CD54HCT112F3A Datasheet
346Kb / 13P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HCT112F3A TI-CD54HCT112F3A Datasheet
643Kb / 18P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
More results

Description similaire - CD54HCT112

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD74HC112 TI-CD74HC112 Datasheet
55Kb / 8P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC112 TI-CD54HC112_08 Datasheet
643Kb / 18P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC112 TI-CD54HC112 Datasheet
346Kb / 13P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
SN75C188DRG4 TI1-SN75C188DRG4 Datasheet
765Kb / 20P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC73 TI-CD54HC73_08 Datasheet
452Kb / 15P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC107 TI-CD54HC107_08 Datasheet
451Kb / 15P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC73 TI-CD54HC73 Datasheet
266Kb / 13P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC107 TI1-CD54HC107_16 Datasheet
624Kb / 16P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC73 TI-CD54HC73_07 Datasheet
422Kb / 15P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC107 TI-CD54HC107 Datasheet
266Kb / 11P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com