Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPL0401C Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TPL0401C
Description  128 TAPS Single Channel Digital Potentiometer with I2C Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0401C Fiches technique(HTML) 1 Page - Texas Instruments

  TPL0401C Datasheet HTML 1Page - Texas Instruments TPL0401C Datasheet HTML 2Page - Texas Instruments TPL0401C Datasheet HTML 3Page - Texas Instruments TPL0401C Datasheet HTML 4Page - Texas Instruments TPL0401C Datasheet HTML 5Page - Texas Instruments TPL0401C Datasheet HTML 6Page - Texas Instruments TPL0401C Datasheet HTML 7Page - Texas Instruments TPL0401C Datasheet HTML 8Page - Texas Instruments TPL0401C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
W
H
GND
VDD
1
2
3
6
SDA
SCL
4
5
TPL0401A/B
L
W
L
GND
VDD
1
2
3
6
SDA
SCL
4
5
TPL0401C
H
TPL0401A
TPL0401B
TPL0401C
www.ti.com
SLIS144A – SEPTEMBER 2011 – REVISED MARCH 2012
128 TAPS Single Channel Digital Potentiometer with I2C Interface
Check for Samples: TPL0401A, TPL0401B, TPL0401C
1
FEATURES
DESCRIPTION
Single Channel, 128-Position Resolution
The TPL0401 is a single channel, linear-taper digital
10 k
Ω End-to-End Resistance Options
potentiometer
with
128
wiper
positions.
The
Low Temperature Coefficient: 35 ppm/°C
TPL0401A/B have the low terminal internal and
connected to GND. The position of the wiper can be
I2C Serial Interface
adjusted using an I2C interface. The TPL0401 is
2.7 V to 5.5 V Single-Supply Operation
available in a 6-pin SC-70 package with a specified
±20% Resistance Tolerance
temperature range of –40°C to 125°C. The part has a
10k end-to-end resistance and can operate with a
'A' and 'B' Versions Have Different I2C
supply voltage range of 2.7V to 5.5V. This kind of
Addresses
product is widely used in setting the voltage reference
'L' Terminal of 'A' and 'B' version is internal
for low power DDR3 memory.
and connected To GND
The TPL0401A/B have the Low Terminal internal and
‘H’ Terminal of ‘C’ Version is Internal and
connected to GND. The TPL0401C has the High
Floating
Terminal internal and floating.
Operating Temperature –40°C to 125°C
SC-70 DCK PACKAGE
Available in Industry Standard SC70 Packages
(TOP VIEW)
ESD Performance Tested per JESD 22
2000 V Human Body Model
(A114-B, Class II)
APPLICATIONS
Low Power DDR3 Voltage Reference
Adjustable Power Supplies
Adjustable Gain Amplifiers and Offset
Trimming
Precision Calibration of Set Point Thresholds
Sensor Trimming and Calibration
Mechanical Potentiometer Replacement
ORDERING INFORMATION
ORDERABLE PART
END-TO-END
TOP-SIDE
TA
PACKAGE(1)
I2C ADDRESS
NUMBER
RESISTANCE
MARKING
TPL0401A-10DCKR
10-k
0101110
7TV
Tape and
–40°C to 125°C
SC70 – DCK
TPL0401B-10DCKR
10-k
0111110
7UV
Reel
TPL0401C-50DCKR
50-k
0101110
TBD
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPL0401C

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPL0401C TI1-TPL0401C Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401C TI-TPL0401C Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401C-50DCKR TI1-TPL0401C-50DCKR Datasheet
328Kb / 18P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401C-50DCKR TI1-TPL0401C-50DCKR Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401C-50DCKR TI-TPL0401C-50DCKR Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
More results

Description similaire - TPL0401C

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPL0401A TI1-TPL0401A Datasheet
328Kb / 18P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_12 Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10-Q1 TI1-TPL0401A-10-Q1 Datasheet
476Kb / 31P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_17 Datasheet
1Mb / 33P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer With I2C Interface
TPL0401A-10 TI-TPL0401A-10_15 Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
logo
ON Semiconductor
CAT5132ZI-10 ONSEMI-CAT5132ZI-10 Datasheet
165Kb / 12P
   16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
CAT5136 ONSEMI-CAT5136 Datasheet
173Kb / 11P
   Digital Potentiometers (POTs) with 128 Taps and I2C Interface
July, 2013 ??Rev. 1
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com