Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMBJ11A Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce SMBJ11A
Description  Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SMBJ11A Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  SMBJ11A Datasheet HTML 1Page - Fairchild Semiconductor SMBJ11A Datasheet HTML 2Page - Fairchild Semiconductor SMBJ11A Datasheet HTML 3Page - Fairchild Semiconductor SMBJ11A Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMBJ5V0(C)A-SMBJ170(C)A, Rev. I
Transient Voltage Suppressors
(continued)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
* Color band denotes cathode on unidirectional devices only. No color band on bidirectional devices.
** For bidirectional parts with V
RWM<10V, the IR max limit is doubled.
Uni-directional
Bi-directional (C)
Device
Part
Marking*
Reverse
Stand-off
Voltage
VRWM (V)
Breakdown
Voltage
VBR (V)
Test
Current
IT (mA)
Clamping
Voltage
@IPPM
VC (V)
Peak
Pulse
Current
IPPM (A)
Reverse
Leakage
@ VRWM
IR (uA)**
min
max
SMBJ5V0(C)A
KE
5.0
6.40
7.0
10
9.2
65.2
800
SMBJ6V0(C)A
KG
6.0
6.67
7.37
10
10.3
58.3
800
SMBJ6V5(C)A
KK
6.5
7.22
7.98
10
11.2
53.6
500
SMBJ7V0(C)A
KM
7.0
7.78
8.60
10
12.0
50.0
200
SMBJ7V5(C)A
KP
7.5
8.33
9.21
1
12.9
46.5
100
SMBJ8V0(C)A
KR
8.0
8.89
9.83
1
13.6
44.1
50
SMBJ8V5(C)A
KT
8.5
9.44
10.4
1
14.4
41.7
20
SMBJ9V0(C)A
KV
9.0
10.0
11.1
1
15.4
39.0
10
SMBJ10(C)A
KX
10
11.1
12.8
1
17.0
35.3
5
SMBJ11(C)A
KZ
11
12.2
13.5
1
18.2
33.0
5
SMBJ12(C)A
LE
12
13.3
14.7
1
19.9
30.2
5
SMBJ13(C)A
LG
13
14.4
15.9
1
21.5
27.9
5
SMBJ14(C)A
LK
14
15.6
17.2
1
23.2
25.9
5
SMBJ15(C)A
LM
15
16.7
18.5
1
24.4
24.6
5
SMBJ16(C)A
LP
16
17.8
19.7
1
26.0
23.1
5
SMBJ17(C)A
LR
17
18.9
20.9
1
27.6
21.7
5
SMBJ18(C)A
LT
18
20.0
22.1
1
29.2
20.5
5
SMBJ20(C)A
LV
20
22.2
24.5
1
32.4
18.5
5
SMBJ22(C)A
LX
22
24.4
26.9
1
35.5
16.9
5
SMBJ24(C)A
LZ
24
26.7
29.5
1
38.9
15.4
5
SMBJ26(C)A
ME
26
28.9
31.9
1
42.1
14.3
5
SMBJ28(C)A
MG
28
31.1
34.4
1
45.4
13.2
5
SMBJ30(C)A
MK
30
33.3
36.8
1
48.4
12.4
5
SMBJ33(C)A
MM
33
36.7
40.6
1
53.3
11.3
5
SMBJ36(C)A
MP
36
40.0
44.2
1
58.1
10.3
5
SMBJ40(C)A
MR
40
44.4
49.1
1
64.5
9.3
5
SMBJ43(C)A
MT
43
47.8
52.8
1
69.4
8.6
5
SMBJ45(C)A
MV
45
50.0
55.3
1
72.7
8.3
5
SMBJ48(C)A
MX
48
53.3
58.9
1
77.4
7.8
5
SMBJ51(C)A
MZ
51
56.7
62.7
1
82.4
7.3
5
SMBJ54(C)A
NE
54
60.0
66.3
1
87.1
6.9
5
SMBJ58(C)A
NG
58
64.4
71.2
1
93.6
6.4
5
SMBJ60(C)A
NK
60
66.7
73.7
1
96.8
6.2
5
SMBJ64(C)A
NM
64
71.1
78.6
1
103.0
5.8
5
SMBJ70(C)A
NP
70
77.8
86.0
1
113.0
5.3
5
SMBJ75(C)A
NR
75
83.3
92.1
1
121.0
5.0
5
SMBJ78(C)A
NT
78
86.7
95.8
1
126.0
4.8
5
SMBJ85(C)A
NV
85
94.4
104.0
1
137.0
4.4
5
SMBJ90(C)A
NX
90
100.0
111.0
1
146.0
4.1
5
SMBJ100(C)A
NZ
100
111.0
123.0
1
162.0
3.7
5
SMBJ110(C)A
PE
110
122.0
135.0
1
177.0
3.4
5
SMBJ120(C)A
PG
120
133.0
147.0
1
193.0
3.1
5
SMBJ130(C)A
PK
130
144.0
159.0
1
209.0
2.9
5
SMBJ150(C)A
PM
150
167.0
185.0
1
243.0
2.5
5
SMBJ160(C)A
PP
160
178.0
197.0
1
259.0
2.3
5
SMBJ170(C)A
PR
170
189.0
209.0
1
275.0
2.2
5


Numéro de pièce similaire - SMBJ11A

FabricantNo de pièceFiches techniqueDescription
logo
Jinan Gude Electronic D...
SMBJ11A JGD-SMBJ11A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ11A SOCAY-SMBJ11A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Micro Commercial Compon...
SMBJ11A MCC-SMBJ11A Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
logo
Guangdong Juxing Electr...
SMBJ11A JUXING-SMBJ11A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Zibo Seno Electronic En...
SMBJ11A ZSELEC-SMBJ11A Datasheet
134Kb / 5P
   5.0 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
More results

Description similaire - SMBJ11A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
SMBJ33CA FAIRCHILD-SMBJ33CA Datasheet
133Kb / 4P
   Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A
SMBJ30CA FAIRCHILD-SMBJ30CA Datasheet
133Kb / 4P
   Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A
SMBJ6V5CA FAIRCHILD-SMBJ6V5CA Datasheet
87Kb / 4P
   Transient Voltage Suppressors SMBJ5V0(C)A-SMBJ170(C)A
SMBJ16CA FAIRCHILD-SMBJ16CA Datasheet
133Kb / 4P
   Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A
SMCJ51CA FAIRCHILD-SMCJ51CA Datasheet
140Kb / 4P
   Transient Voltage Suppressors SMCJ5V0(C)A - SMCJ170(C)A
P6KE6V8A FAIRCHILD-P6KE6V8A Datasheet
50Kb / 3P
   Transient Voltage Suppressors P6KE6V8(C)A - P6KE440(C)A
SMCJ85CA FAIRCHILD-SMCJ85CA Datasheet
140Kb / 4P
   Transient Voltage Suppressors SMCJ5V0(C)A - SMCJ170(C)A
logo
Arch Electronics Corp.
ATCN ARCH-ATCN_16 Datasheet
141Kb / 4P
   A C -D C Power Module
ALC ARCH-ALC_16 Datasheet
262Kb / 3P
   A C -D C Power Module
AIC ARCH-AIC_16 Datasheet
262Kb / 3P
   A C -D C Power Module
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com