Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55C27 Fiches technique(PDF) 1 Page - Diode Semiconductor Korea

No de pièce BZX55C27
Description  Silicon planar power zener diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DSK [Diode Semiconductor Korea]
Site Internet  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BZX55C27 Fiches technique(HTML) 1 Page - Diode Semiconductor Korea

  BZX55C27 Datasheet HTML 1Page - Diode Semiconductor Korea BZX55C27 Datasheet HTML 2Page - Diode Semiconductor Korea BZX55C27 Datasheet HTML 3Page - Diode Semiconductor Korea BZX55C27 Datasheet HTML 4Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
Silicon planar power zener diodes
The zener voltages are graded according to the
international E 24 standard. Standard zener voltage
tolerance is ±5%. Replace suffix "C" with "B" for ±2%,
MECHANICAL DATA
Case:DO-35, Glass Case
Terminals: Solderable per MIL-STD-202, method 208
Polarity: Cathode band
Marking: Type number
Approx. Weight: 0.1
3 grams.
Thermal resistance junction to ambient
Forw ard voltage at IF=100mA
3001)
Storage temperature range
Ts
-55---+175
Pow er dissipation @ Tamb=25
Ptot
5001)
N
OTES: (1) Valid provided that leads at a distance of 10 mm from case are kept at ambient temperature.
1.0
V
/W
SYMBOL
VF
UNIT
MAX
TYP
MIN
RθJA
Junction temperature
TJ
175
mW
Zener current (see Table "Characteristics")
BZX55 --- SERIES
Replace suffix "C" with "A" for ±1%.
ZENER DIODES
other voltage tolerance and other zener voltage are
POWER DISSIPATION:
500 mW
DO-35(GLASS)
UNIT
VALUE
SYMBOL
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
DO-34(GLASS)
available upon request.
Dimensions in millimeters
www.diode.kr
Diode Semiconductor Korea


Numéro de pièce similaire - BZX55C27

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
BZX55C27 KEXIN-BZX55C27 Datasheet
1Mb / 3P
   Zener Diodes
logo
Vishay Siliconix
BZX55C27 VISHAY-BZX55C27 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
BZX55C27 VISHAY-BZX55C27 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Yangzhou yangjie electr...
BZX55C27 YANGJIE-BZX55C27 Datasheet
196Kb / 5P
   Zener Diodes
logo
Shenzhen Luguang Electr...
BZX55C27 LUGUANG-BZX55C27 Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

Description similaire - BZX55C27

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com