Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


MC12095 Datasheet(Fiches technique) 3 Page - ON Semiconductor

Numéro de pièce MC12095
Description  2.5 GHz Low Power Prescaler With Stand-By Mode
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo 

   
 3 page
background image
MC12095
http://onsemi.com
3
Figure 3. Typical Output Amplitude versus Frequency Over Temperature
0
200
400
600
800
1000
1200
1400
1600
1800
500
750
1000
1250
1500
1750
2000
2250
2500
Input Frequency (MHz)
SPEC
Figure 4. Typical Output Amplitude versus Frequency Over Temperature
0
200
400
600
800
1000
1200
1400
1600
1800
500
750
1000
1250
1500
1750
2000
2250
2500
Input Frequency (MHz)
SPEC
-40°C
+25°C
+85°C
-40°C
+25°C
+85°C
(Divide By 2 Mode, VCC = 2.7 V)
(Divide By 4 Mode, VCC = 2.7 V)




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
PE835033.5 GHz Low Power CMOS Divide-by-8 Prescaler 1 2 3 4 5 MorePeregrine Semiconductor Corp.
HMC287MS8GaAs MMIC LOW NOISE AMPLIFIER with AGC 2.3 - 2.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
TS4890RAIL TO RAIL OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW 1 2 3 4 5 MoreSTMicroelectronics
LMX5080PLLatinum™ 2.7 GHz Low Power Dual Modulus Prescaler for RF Personal Communications 1 2 3 4 5 MoreNational Semiconductor (TI)
TS4902300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW 1 2 3 4 5 MoreSTMicroelectronics
TS49731.2W TWO AUDIO INPUTS WITH GAIN CONTROL POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW 1 2 3 4 5 MoreSTMicroelectronics
LMX248550 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum™ Frequency Synthesizers with 800 MHz Integer PLL 1 2 3 4 5 MoreNational Semiconductor (TI)
DS36C279Low Power EIA-RS-485 Transceiver with Sleep Mode 1 2 3 4 5 MoreNational Semiconductor (TI)
TS49901W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE 1 2 3 4 5 MoreSTMicroelectronics
EM6151Low Power Windowed Watchdog with Reset Sleep Mode Functions 1 2 3 4 5 MoreEM Microelectronic - MARIN SA

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl