Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS101B-GS18 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce LS101B-GS18
Description  Small Signal Schottky Barrier Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LS101B-GS18 Fiches technique(HTML) 1 Page - Vishay Siliconix

  LS101B-GS18 Datasheet HTML 1Page - Vishay Siliconix LS101B-GS18 Datasheet HTML 2Page - Vishay Siliconix LS101B-GS18 Datasheet HTML 3Page - Vishay Siliconix LS101B-GS18 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VISHAY
LS101A / 101B / 101C
Document Number 85628
Rev. 1.3, 13-Apr-04
Vishay Semiconductors
www.vishay.com
1
9612009
Small Signal Schottky Barrier Diodes
Features
• Integrated protection ring against static discharge
• Low capacitance
• Low leakage current
• Low forward voltage drop
Applications
HF-Detector
Protection circuit
Diode for low currents with a low supply voltage
Small battery charger
Power supplies
DC / DC converter for notebooks
Mechanical Data
Case:QuadroMELF Glass Case (SOD-80)
Weight: approx. 34 mg
Cathode Band Color: Black
Packaging Codes/Options:
GS18 / 10 k per 13" reel (8 mm tape), 10 k/box
GS08 / 2.5 k per 7" reel (8 mm tape), 12.5 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Part
Type differentiation
Ordering code
Remarks
LS101A
VR = 60 V, VF @ IF1 mA max. 0.41 V
LS101A-GS18 or LS101A-GS08
Tape and Reel
LS101B
VR = 50 V, VF @ IF1 mA max. 0.4 V
LS101B-GS18 or LS101B-GS08
Tape and Reel
LS101C
VR = 40 V, VF @ IF1 mA max. 0.39 V
LS101C-GS18 or LS101C-GS08
Tape and Reel
Parameter
Test condition
Part
Symbol
Value
Unit
Reverse voltage
LS101A
VR
60
V
LS101B
VR
50
V
LS101C
VR
40
V
Peak forward surge current
tp = 10 µsIFSM
2A
Repetitive peak forward current
IFRM
150
mA
Forward current
IF
30
mA


Numéro de pièce similaire - LS101B-GS18

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
LS101B-GS18 VISHAY-LS101B-GS18 Datasheet
167Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.4, 21-Mar-06
LS101B-GS18 VISHAY-LS101B-GS18 Datasheet
227Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.5, 05-Aug-10
LS101B-GS18 VISHAY-LS101B-GS18 Datasheet
104Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.6, 09-May-12
More results

Description similaire - LS101B-GS18

FabricantNo de pièceFiches techniqueDescription
logo
TAITRON Components Inco...
SD103A TAITRON-SD103A Datasheet
238Kb / 3P
   Small Signal Schottky Barrier Diodes
logo
List of Unclassifed Man...
SBT10K45WS ETC1-SBT10K45WS Datasheet
46Kb / 3P
   Small-Signal Schottky Barrier Diodes
logo
GOOD-ARK Electronics
MCL101A GOOD-ARK-MCL101A Datasheet
103Kb / 2P
   Small Signal Schottky Barrier Diodes
LS101A GOOD-ARK-LS101A Datasheet
98Kb / 2P
   Small Signal Schottky Barrier Diodes
MCL103A GOOD-ARK-MCL103A Datasheet
96Kb / 2P
   Small Signal Schottky Barrier Diodes
BAT81S GOOD-ARK-BAT81S_15 Datasheet
103Kb / 2P
   Small Signal Schottky Barrier Diodes
BAS81 GOOD-ARK-BAS81 Datasheet
114Kb / 2P
   Small Signal Schottky Barrier Diodes
logo
Vishay Siliconix
MCL101A VISHAY-MCL101A Datasheet
98Kb / 4P
   Small Signal Schottky Barrier Diodes
Rev. 3, 25-Jun-01
logo
List of Unclassifed Man...
SBT103AT ETC1-SBT103AT Datasheet
50Kb / 3P
   Small-Signal Schottky Barrier Diodes
logo
GOOD-ARK Electronics
BAS81 GOOD-ARK-BAS81_15 Datasheet
114Kb / 2P
   Small Signal Schottky Barrier Diodes
logo
List of Unclassifed Man...
SBT103AD ETC1-SBT103AD Datasheet
42Kb / 3P
   Small-Signal Schottky Barrier Diodes
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com