Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPPM0115D Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPPM0115D
Description  SWITCH MODE SYNCHRONOUS BUCK CONTROLLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPPM0115D Fiches technique(HTML) 2 Page - Texas Instruments

  TPPM0115D Datasheet HTML 1Page - Texas Instruments TPPM0115D Datasheet HTML 2Page - Texas Instruments TPPM0115D Datasheet HTML 3Page - Texas Instruments TPPM0115D Datasheet HTML 4Page - Texas Instruments TPPM0115D Datasheet HTML 5Page - Texas Instruments TPPM0115D Datasheet HTML 6Page - Texas Instruments TPPM0115D Datasheet HTML 7Page - Texas Instruments TPPM0115D Datasheet HTML 8Page - Texas Instruments TPPM0115D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TPPM0115
SWITCH MODE SYNCHRONOUS BUCK CONTROLLER
SLVS371A− MARCH 2001 − REVISED JUNE 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
_
+
Gate Drive
Control
_
+
_
+
1-V Ref
Logic
Voltage
Reference
Power Good
Control
VCC
GND
PWRGD
DRVH
DRVL
PHASE
SEN
PWRGD Ref
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
DRVH
5
O
Output for upper FET gate drive
DRVL
6
O
Output for lower FET gate drive
GND
8
O
Ground
NC/ TEST
3
O
No connection, used for test purpose only
PHASE
4
I
Phase sense input
PWRGD
2
O
Open-drain output for power good function
SEN
7
I
Sense input
VCC
1
I
Input voltage


Numéro de pièce similaire - TPPM0115D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPPM0115 TI-TPPM0115 Datasheet
236Kb / 13P
[Old version datasheet]   SWITCH MODE SYNCHRONOUS BUCK CONTROLLER
More results

Description similaire - TPPM0115D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPPM0115 TI-TPPM0115 Datasheet
236Kb / 13P
[Old version datasheet]   SWITCH MODE SYNCHRONOUS BUCK CONTROLLER
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Linear Technology
LT3791EFE-1 LINER-LT3791EFE-1 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
LT3790 LINER-LT3790_15 Datasheet
451Kb / 28P
   60V Synchronous 4-Switch Buck-Boost Controller
LT3790 LINER-LT3790 Datasheet
603Kb / 10P
   60V Four-Switch Synchronous Buck-Boost Controller
LT3791-1 LINER-LT3791-1_15 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
logo
Renesas Technology Corp
ISL81401 RENESAS-ISL81401 Datasheet
3Mb / 47P
   40V 4-Switch Synchronous Buck-Boost Controller
Jan 27, 2022
logo
Analog Devices
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
   Synchronous Buck Controller
REV. A
logo
Semtech Corporation
SC412A SEMTECH-SC412A_1 Datasheet
588Kb / 22P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6138 SIPEX-SP6138 Datasheet
961Kb / 17P
   Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com