Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPL5110DDCT Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPL5110DDCT
Description  TPL5110 Nano-power System Timer for Power Gating
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5110DDCT Fiches technique(HTML) 1 Page - Texas Instruments

  TPL5110DDCT Datasheet HTML 1Page - Texas Instruments TPL5110DDCT Datasheet HTML 2Page - Texas Instruments TPL5110DDCT Datasheet HTML 3Page - Texas Instruments TPL5110DDCT Datasheet HTML 4Page - Texas Instruments TPL5110DDCT Datasheet HTML 5Page - Texas Instruments TPL5110DDCT Datasheet HTML 6Page - Texas Instruments TPL5110DDCT Datasheet HTML 7Page - Texas Instruments TPL5110DDCT Datasheet HTML 8Page - Texas Instruments TPL5110DDCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
VIN
POWER MANAGEMENT
VOUT
GND
µC
GPIO
VDD
GND
TPL5110
VDD
GND
EN/
ONE_SHOT
DRV
DELAY/
M_DRV
DONE
REXT
Battery
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPL5110
SNAS650 – JANUARY 2015 – REVISED JANUARY 2015
TPL5110 Nano-power System Timer for Power Gating
1
1 Features
1
Supply Voltage from 1.8V to 5.5V
Current Consumption at 2.5V 35nA (typ)
Selectable Time Intervals 100ms to 7200s
Timer Accuracy 1% (typ)
Resistor Selectable Time Interval
Manual MOSFET Power On
One-shot Feature
2 Applications
Battery Powered Systems
Internet of Things (IoT)
Intruder Detection
Tamper Detection
Home Automation Sensors
Thermostats
Consumer Electronics
Remote Sensor
White Goods
3 Description
The TPL5110 Nano Timer is a low power timer with
an integrated MOSFET driver ideal for power gating
in duty cycled or battery powered applications.
Consuming only 35nA, the TPL5110 can enable the
power supply line and drastically reduce the overall
system stand by current during the sleep time. Such
power savings enable the use of significantly smaller
batteries making it well suited for energy harvesting
or
wireless
sensor
applications.
The
TPL5110
provides selectable timing intervals from 100ms to
7200s and is designed for power gating applications.
In addition, the TPL5110 has a unique One-shot
feature where the timer will only power the MOSFET
for one cycle. The TPL5110 is available in a 6-pin
SOT23 package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPL5110
SOT23 (6)
3.00 mm x 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Simplified Application Schematic


Numéro de pièce similaire - TPL5110DDCT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPL5110 TI1-TPL5110 Datasheet
935Kb / 26P
[Old version datasheet]   Supply Voltage from 1.8V to 5.5V
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer for Power Gating
TPL5110QDDCRQ1 TI1-TPL5110QDDCRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer for Power Gating
TPL5110QDDCTQ1 TI1-TPL5110QDDCTQ1 Datasheet
1Mb / 27P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer for Power Gating
More results

Description similaire - TPL5110DDCT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPL5111 TI1-TPL5111 Datasheet
1Mb / 25P
[Old version datasheet]   Nano-Power System Timer for Power Gating
TPL5111 TI1-TPL5111_16 Datasheet
1Mb / 25P
[Old version datasheet]   TPL5111 Nano-Power System Timer for Power Gating
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer for Power Gating
logo
SparkFun Electronics
PRT-15353 SPARKFUN-PRT-15353 Datasheet
216Kb / 2P
   SparkFun Nano Power Timer - TPL5110
6??2??9
logo
Texas Instruments
TPL5010 TI1-TPL5010_16 Datasheet
934Kb / 25P
[Old version datasheet]   TPL5010 Nano-power System Timer with Watchdog Function
TPL5100 TI1-TPL5100 Datasheet
859Kb / 20P
[Old version datasheet]   Nano-Power Programmable Timer
TPL5000 TI1-TPL5000 Datasheet
806Kb / 21P
[Old version datasheet]   Nano-Power Programmable Timer
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
logo
Rohm
BD39040MUF-C ROHM-BD39040MUF-C Datasheet
2Mb / 29P
   System Power Good Watchdog Timer Reset for Automotive
15.Feb.2019 Rev.001
logo
Texas Instruments
TPL5000DGSR TI1-TPL5000DGSR Datasheet
719Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com