Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF3GB Fiches technique(PDF) 1 Page - SUNMATE electronic Co., LTD

No de pièce UF3GB
Description  SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNMATE [SUNMATE electronic Co., LTD]
Site Internet  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

UF3GB Fiches technique(HTML) 1 Page - SUNMATE electronic Co., LTD

  UF3GB Datasheet HTML 1Page - SUNMATE electronic Co., LTD UF3GB Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UF3KB
UF3JB
UF3GB
UF3DB
UF3BB
UF3AB
UF3AB - UF3MB
UF3MB
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
V
V
V
A
A
V
VRRM
VRMS
VDC
I(AV)
IFSM
VF
3.0
100.0
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375”(9.5mm) lead length at TA=55 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 3.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
IR
5.0
250.0
R JL
CJ
TJ,TSTG
15.0
-65 to +150
pF
C
Typical thermal resistance (NOTE 3)
C/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
50
75
ns
1000
700
1000
1.0
1.70
Note: 1.Reverse recovery condition IF=0.5A,I R=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3. Ther mal resistance from junction to lead and from junction to ambient with P.C.B mounted
on 0.3 x 0.3" (8.0 x 8.0 mm) Copper pad area
1.30
75
θ
µA
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Case: SMB/DO-214AA, Molded Plastic
VOLTAGE RANGE: 50 - 1000V
!
Glass Passivated Die Construction
!
!
Low Forward Voltage Drop, High Efficiency
!
!
!
Plastic Case Material has UL Flammability
                            
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Low Power Loss
Classification Rating 94V-O
Ideally Suited for Automatic Assembly
Ultra-Fast Recovery Time
CURRENT: 3.0 A
Features
Mechanical Data
Weight: 0.093 grams (approx.)
Characteristic
Symbol
Unit
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
SMB(DO-214AA)
Dim
Min
Max
A
B
C
1.91
2.21
D
0.15
0.31
E
5.00
5.59
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
3.30
3.94
4.06
4.70
A
B
C
D
G
H
E
J
1 of 2
www.sunmate.tw


Numéro de pièce similaire - UF3GB

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Luguang Electr...
UF3GB LUGUANG-UF3GB Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
Yea Shin Technology Co....
UF3GB YEASHIN-UF3GB Datasheet
47Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 to 1000 Volts CURR ENT - 3.0 Amperes
logo
Diode Semiconductor Kor...
UF3GB DSK-UF3GB Datasheet
93Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
HY ELECTRONIC CORP.
UF3GB HY-UF3GB Datasheet
423Kb / 3P
   Surface Mount High Efficiency (Ultra Fast) Glass Passivated Rectifiers
logo
SAMYANG ELECTRONICS CO....
UF3GB SAMYANG-UF3GB Datasheet
460Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results

Description similaire - UF3GB

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Yixinwei Techn...
US3AB YIXIN-US3AB_15 Datasheet
330Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
US5AB SUNMATE-US5AB Datasheet
528Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US5AF SUNMATE-US5AF Datasheet
893Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
UF3AF SUNMATE-UF3AF Datasheet
557Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US2AF SUNMATE-US2AF Datasheet
485Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
UF2AA SUNMATE-UF2AA Datasheet
367Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US2A SUNMATE-US2A Datasheet
576Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
UF5A SUNMATE-UF5A Datasheet
578Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US1AF SUNMATE-US1AF Datasheet
332Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US1AL SUNMATE-US1AL Datasheet
313Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US3AA SUNMATE-US3AA Datasheet
395Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com