Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPIC3302 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce TPIC3302
Description  3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC3302 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPIC3302_11 Datasheet HTML 3Page - Texas Instruments TPIC3302_11 Datasheet HTML 4Page - Texas Instruments TPIC3302_11 Datasheet HTML 5Page - Texas Instruments TPIC3302_11 Datasheet HTML 6Page - Texas Instruments TPIC3302_11 Datasheet HTML 7Page - Texas Instruments TPIC3302_11 Datasheet HTML 8Page - Texas Instruments TPIC3302_11 Datasheet HTML 9Page - Texas Instruments TPIC3302_11 Datasheet HTML 10Page - Texas Instruments TPIC3302_11 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TPIC3302
3CHANNEL COMMONDRAIN POWER DMOS ARRAY
SLIS021B − APRIL 1994 − REVISED JULY 1995
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS
77251−1443
2−7
TYPICAL CHARACTERISTICS
1
0.1
0.01
10
0.1
1
10
SOURCE-TO-DRAIN DIODE CURRENT
vs
SOURCE-TO-DRAIN VOLTAGE
TJ = 150°C
TJ = 125°C
TJ = − 40°C
TJ = 25°C
TJ = 75°C
VSD − Source-to-Drain Voltage − V
200
160
80
40
0
360
120
0
4
8
12162024
280
240
320
CAPACITANCE
vs
DRAIN-TO-SOURCE VOLTAGE
400
28
32
36
40
VDS − Drain-to-Source Voltage − V
f = 1 MHz
TJ = 25°C
Ciss(0) = 158 pF
Coss(0) = 400 pF
Crss(0) = 78 pF
Ciss
Coss
Crss
Figure 11
Figure 12
6
4
2
0
0
0.5
1
1.5
2
2.5
3
10
12
DRAIN-TO-SOURCE VOLTAGE AND
GATE-TO-SOURCE VOLTAGE
vs
GATE CHARGE
14
3.5
8
30
20
10
0
50
60
70
40
ID = 0.5 A
TJ = 25°C
See Figure 3
VDD = 20 V
VDD = 30 V
VDD = 20 V
Qg − Gate Charge − nC
VDD = 48 V
75
50
25
0
0
100
200
100
125
150
300
400
500
600
IS = 0.5 A
TJ = 25°C
See Figure 1
D1
Q1, Q2, and Q3
Reverse di/dt − A/
µs
REVERSE-RECOVERY TIME
vs
REVERSE di/dt
Figure 13
Figure 14


Numéro de pièce similaire - TPIC3302_11

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC3302 TI-TPIC3302 Datasheet
170Kb / 11P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
More results

Description similaire - TPIC3302_11

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC3302 TI-TPIC3302 Datasheet
170Kb / 11P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC3322L TI1-TPIC3322L Datasheet
217Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN LOGIC-LEVEL POWER DMOS ARRAY
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
TPIC2701 TI1-TPIC2701_12 Datasheet
342Kb / 18P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2401 TI1-TPIC2401 Datasheet
214Kb / 10P
[Old version datasheet]   4-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2601 TI-TPIC2601 Datasheet
186Kb / 10P
[Old version datasheet]   6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701 TI-TPIC2701 Datasheet
245Kb / 15P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2202 TI1-TPIC2202 Datasheet
178Kb / 11P
[Old version datasheet]   2-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC5302 TI-TPIC5302 Datasheet
171Kb / 11P
[Old version datasheet]   3-CHANNEL INDEPENDENT POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com