Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPIC0108B Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TPIC0108B
Description  PWM CONTROL INTELLIGENT H-BRIDGE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC0108B Fiches technique(HTML) 1 Page - Texas Instruments

  TPIC0108B_11 Datasheet HTML 1Page - Texas Instruments TPIC0108B_11 Datasheet HTML 2Page - Texas Instruments TPIC0108B_11 Datasheet HTML 3Page - Texas Instruments TPIC0108B_11 Datasheet HTML 4Page - Texas Instruments TPIC0108B_11 Datasheet HTML 5Page - Texas Instruments TPIC0108B_11 Datasheet HTML 6Page - Texas Instruments TPIC0108B_11 Datasheet HTML 7Page - Texas Instruments TPIC0108B_11 Datasheet HTML 8Page - Texas Instruments TPIC0108B_11 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TPIC0108B
PWM CONTROL INTELLIGENT HBRIDGE
SLIS068A − NOVEMBER1998 − REVISED APRIL 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Low Quiescent Supply Current of 20 µA
D Optimized for Low-Power/Battery-Operated
Applications
D Two Input Control Lines for Reduced
Microcontroller Overhead
D Internal Current Shutdown of 5 A
D 40 V Load Dump Rating
D Integrated Fault Protection and Diagnostics
D CMOS Compatible Schmitt Trigger Inputs
for High Noise Immunity
description
The TPIC0108B is a PWM control intelligent H-bridge designed specifically for dc motor applications. The
device provides forward, reverse, and brake modes of operation. A logic supply voltage of 5 V is internally
derived from VCC.
The TPIC0108B has an extremely low rDS(on), 280 mΩ typical, to minimize system power dissipation. The
control inputs (IN1 and IN2) greatly simplify the microcontroller overhead requirement. The device has a low
quiescent supply current of 20
µA to suit a wide range of automotive and industrial battery-operated
applications.
The TPIC0108B provides protection against over-voltage, over-current, over-temperature, and cross
conduction faults. Fault diagnostics can be obtained by monitoring the STATUS1 and STATUS2 terminals and
the two input control lines. STATUS1 is an open-drain output suitable for wired-or connection. STATUS2 is a
push-pull output that provides a latched status output. Under-voltage protection ensures that the outputs, OUT1
and OUT2, will be disabled when VCC is less than the under-voltage detection voltage V(UVCC).
The TPIC0108B is designed using TI’s LinBiCMOS
 process. LinBiCMOS allows the integration of low power
CMOS structures, precision bipolar cells, and low impedance DMOS transistors.
The TPIC0108B is offered in a 20-pin thermally enhanced small-outline package (DWP) and is characterized
for operation over the operating case temperature of −40
°C to 125°C.
FUNCTION TABLE
IN1
IN2
OUT1
OUT2
MODE
0
0
Z
Z
Quiescent supply current mode
0
1
LS
HS
Motor turns clockwise
1
0
HS
LS
Motor turns counter clockwise
1
1
HS
HS
Brake, both HSDs turned on hard
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
LinBiCMOS is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GNDS
VCC
IN1
VCC
OUT1
OUT1
GND
IN2
GND
GNDS
GNDS
VCC
STATUS2
VCC
OUT2
OUT2
GND
STATUS1
GND
GNDS
DWP PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2002, Texas Instruments Incorporated


Numéro de pièce similaire - TPIC0108B_11

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC0108BDWP TI-TPIC0108BDWP Datasheet
205Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
More results

Description similaire - TPIC0108B_11

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC0108B TI-TPIC0108B Datasheet
205Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0107B TI-TPIC0107B Datasheet
202Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0107B TI1-TPIC0107B_10 Datasheet
289Kb / 15P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
logo
Sanyo Semicon Device
LV8018W SANYO-LV8018W Datasheet
114Kb / 7P
   4ch PWM H-bridge Driver
logo
Texas Instruments
DRV8704 TI1-DRV8704 Datasheet
1Mb / 38P
[Old version datasheet]   Dual H-Bridge PWM Gate Driver
logo
Freescale Semiconductor...
MC33931 FREESCALE-MC33931_12 Datasheet
883Kb / 26P
   5.0 A Throttle Control H-bridge
logo
NXP Semiconductors
MC33931 NXP-MC33931 Datasheet
1Mb / 26P
   5.0 A Throttle Control H-bridge
Rev. 4.0, 10/2012
logo
Freescale Semiconductor...
33931 FREESCALE-33931 Datasheet
1Mb / 21P
   5.0 A Throttle Control H-bridge
logo
NXP Semiconductors
MC33932 NXP-MC33932 Datasheet
1Mb / 28P
   5.0 A Throttle Control H-Bridge
Rev. 5.0, 10/2012
logo
Freescale Semiconductor...
33926 FREESCALE-33926 Datasheet
665Kb / 24P
   5.0 A Throttle Control H-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com