Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4966 Fiches technique(PDF) 1 Page - EIC discrete Semiconductors

No de pièce 1N4966
Description  SILICON ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EIC [EIC discrete Semiconductors]
Site Internet  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1N4966 Fiches technique(HTML) 1 Page - EIC discrete Semiconductors

  1N4966 Datasheet HTML 1Page - EIC discrete Semiconductors 1N4966 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4954 ~ 1N4989
VZ : 6.8 - 200 Volts
PD : 5 Watts
FEATURES :
* Glass passivated junction chip
* High peak reverse power dissipation
* High reliability
* Low leakage current
* Pb Free/RoHS Compliant
MECHANICAL DATA :
* Case : DO-15 Molded plastic
* Epoxy : UL94V-0 rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.4 gram
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified.
Rating
Symbol
Value
Unit
DC Power Dissipation
PD
5.0
W
Maximum Forward Voltage at IF = 1 A
VF
1.5
V
Thermal Resistance Junction to Lead (Note 1)
22
°C/W
Operating Junction Temperature Range
TJ
- 65 to + 175
°C
Storage Temperature Range
TSTG
- 65 to + 175
°C
Note :
(1) At 3/8 inch (10 mm) from body
FIG. - 1 POWER DERATING CURVE
0
25
50
75
100
125
150
175
Page 1 of 2
Rev. 01 : October 28, 2008
SILICON ZENER DIODE
RӨJL
LEAD TEMPERATURE , (°C)
0
1
2
3
4
5
6
7
8
L = 3/8"
L = Lead Length from Body
DO-15
Dimensions in inches and ( millimeters )
0.300 (7.6)
0.230 (5.8)
0.140 (3.6)
0.104 (2.6)
0.034 (0.86)
0.028 (0.71)
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.
www.eicsemi.com


Numéro de pièce similaire - 1N4966

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
1N4966 SEMTECH-1N4966 Datasheet
93Kb / 2P
   5 WATT VOLTAGE REGULATOR
logo
New Jersey Semi-Conduct...
1N4966 NJSEMI-1N4966 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4966 NJSEMI-1N4966 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4966 NJSEMI-1N4966 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
logo
Digitron Semiconductors
1N4966 DIGITRON-1N4966 Datasheet
200Kb / 3P
   5 WATT GLASS ZENER DIODES
More results

Description similaire - 1N4966

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
1N4736A PANJIT-1N4736A_09 Datasheet
360Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4832 NJSEMI-1N4832 Datasheet
77Kb / 1P
   SILICON ZENER DIODE
logo
Seme LAB
1N4109D2A SEME-LAB-1N4109D2A Datasheet
195Kb / 3P
   SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A-G PANJIT-1N4728A-G_10 Datasheet
304Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N5930 NJSEMI-1N5930 Datasheet
67Kb / 1P
   SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A-G PANJIT-1N4728A-G Datasheet
399Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4833 NJSEMI-1N4833 Datasheet
76Kb / 1P
   SILICON ZENER DIODE
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
   ZENER DIODE SILICON PLANAR DIODE
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
M/A-COM Technology Solu...
1N957BUR-1 MA-COM-1N957BUR-1 Datasheet
709Kb / 5P
   Silicon Zener Diode Series
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com