Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD4E001DPKT Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPD4E001DPKT
Description  Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E001DPKT Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPD4E001DPKT Datasheet HTML 2Page - Texas Instruments TPD4E001DPKT Datasheet HTML 3Page - Texas Instruments TPD4E001DPKT Datasheet HTML 4Page - Texas Instruments TPD4E001DPKT Datasheet HTML 5Page - Texas Instruments TPD4E001DPKT Datasheet HTML 6Page - Texas Instruments TPD4E001DPKT Datasheet HTML 7Page - Texas Instruments TPD4E001DPKT Datasheet HTML 8Page - Texas Instruments TPD4E001DPKT Datasheet HTML 9Page - Texas Instruments TPD4E001DPKT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
TPD4E001
SLLS682L – JULY 2006 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPD4E001
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Thermal Information
THERMAL METRIC(1)
TPD4E001
UNIT
DRL
(SOT)
DBV
(SOT)
DCK
(SC70)
DPK
(USON)
DRS (SON)
6 PINS
6 PINS
6 PINS
6 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
226.4
259.7
251.1
247.6
91.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
90.3
186.5
88.1
124.8
106.9
°C/W
RθJB
Junction-to-board thermal resistance
61.2
107.6
54.8
204.2
64.8
°C/W
ψJT
Junction-to-top characterization parameter
6.7
71.4
1.7
19.2
10.2
°C/W
ψJB
Junction-to-board characterization parameter
61.0
107.1
54.1
209.3
64.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
N/A
29.9
°C/W
(1)
Typical values are at VCC = 5 V and TA = 25°C.
(2)
Non-repetitive current pulse 8/20 µs exponentially decaying waveform according to ICE61000-4-5.
6.6 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted), VCC = 5 V ±10%
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VCC
Supply voltage
0.9
5.5
V
ICC
Supply current
1
100
nA
VF
Diode forward voltage
IF = 10 mA
0.65
0.95
V
VBR
Breakdown Voltage
IBR = 10 mA
11
V
VC
Channel clamp voltage
TA = 25°C, ±15-kV HBM,
IF = 10 A
Positive transients
VCC + 25
V
Negative transients
–25
TA = 25°C,
±8-kV Contact Discharge
(IEC 61000-4-2), IF = 24 A
Positive transients
VCC + 60
Negative transients
–60
TA = 25°C,
±15-kV Air-Gap Discharge
(IEC 61000-4-2), IF = 45 A
Positive transients
VCC + 100
Negative transients
–100
Surge strike on IO pin,
GND pin grounded,
IPP = 5A, 8/20 µs
(2)
Positive transients
17
VRWM
Reverse stand-off voltage
IO pin to GND pin
5.5
V
II/O
Channel leakage current
Vi/o = GND to VCC
±1
nA
CI/O
Channel input capacitance
VCC = 5 V, Bias of VCC/2; ƒ = 10 MHz
1.5
pF


Numéro de pièce similaire - TPD4E001DPKT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD4E001DPKT TI1-TPD4E001DPKT Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001DPKT TI1-TPD4E001DPKT Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001DPKT TI1-TPD4E001DPKT Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
More results

Description similaire - TPD4E001DPKT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD4E001 TI1-TPD4E001_17 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V02 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD2E001 TI1-TPD2E001_17 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
TPD3E001 TI1-TPD3E001_15 Datasheet
1Mb / 22P
[Old version datasheet]   Low-Capacitance 3-Channel ESD-Protection for High-Speed Data Interfaces
logo
Vishay Siliconix
GL05-HT3 VISHAY-GL05-HT3 Datasheet
52Kb / 3P
   Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
Rev. 3, 03-Jun-03
logo
AMAZING Microelectronic...
AZ1515-04S AMAZING-AZ1515-04S Datasheet
220Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2018/01/23
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
AZ9153-04S AMAZING-AZ9153-04S Datasheet
315Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2017/10/03
AZC015-04F AMAZING-AZC015-04F Datasheet
221Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com