Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD4E05U06-Q1 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPD4E05U06-Q1
Description  1 and 4 Channel ESD Protection Diodes for SuperSpeed (Up to 6 Gbps) Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E05U06-Q1 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPD4E05U06-Q1 Datasheet HTML 4Page - Texas Instruments TPD4E05U06-Q1 Datasheet HTML 5Page - Texas Instruments TPD4E05U06-Q1 Datasheet HTML 6Page - Texas Instruments TPD4E05U06-Q1 Datasheet HTML 7Page - Texas Instruments TPD4E05U06-Q1 Datasheet HTML 8Page - Texas Instruments TPD4E05U06-Q1 Datasheet HTML 9Page - Texas Instruments TPD4E05U06-Q1 Datasheet HTML 10Page - Texas Instruments TPD4E05U06-Q1 Datasheet HTML 11Page - Texas Instruments TPD4E05U06-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
I/O
GND
D1+
D1-
D2+
D2-
GND
8
TPD4E05U06-Q1, TPD1E05U06-Q1
SLVSCO7B – AUGUST 2014 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TPD4E05U06-Q1 TPD1E05U06-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPDxE05U06-Q1 is a family of unidirectional TVS ESD protection diode arrays with ultra-low capacitance
between 0.42 pF and 0.5 pF. They are rated to dissipate ESD strikes above the maximum level specified in the
IEC 61000-4-2 level 4 international standard (12-kV contact, 15-kV air gap). The ultra-low loading capacitance
makes them ideal for protecting any high-speed signal applications up to 6 Gbps.
7.2 Functional Block Diagram
Figure 9. TPD4E05U06-Q1 Block Diagram
Figure 10. TPD1E05U06-Q1 Block Diagram
7.3 Feature Description
7.3.1 AEC-Q101 Qualification
These devices are qualified to AEC-Q101 standards. They pass HBM H3B (±8 kV) and CDM C5 (±1 kV) ESD
ratings and are qualified to operate from –40°C to +125°C.
7.3.2 IEC 61000-4-2 Level 4 ESD Protection
The I/O pins can withstand ESD events up to ±12-kV contact and ±15-kV air. An ESD-surge clamp diverts the
current to ground.
7.3.3 IEC 61000-4-4 EFT Protection
The I/O pins can withstand an electrical fast transient burst of up to 80 A (5/50 ns waveform, 4 kV with 50-
impedance). An ESD-surge clamp diverts the current to ground.


Numéro de pièce similaire - TPD4E05U06-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD4E05U06-Q1 TI1-TPD4E05U06-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
TPD4E05U06-Q1 TI-TPD4E05U06-Q1 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD4E05U06-Q1 TI-TPD4E05U06-Q1 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
More results

Description similaire - TPD4E05U06-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD1E05U06 TI1-TPD1E05U06_16 Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
TPD1E05U06 TI-TPD1E05U06_V01 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD1E05U06 TI-TPD1E05U06_V02 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
TPD1E05U06 TI-TPD1E05U06 Datasheet
518Kb / 15P
[Old version datasheet]   1, 4, 6 CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (UP TO 6 GBPS) INTERFACE
TPD4E110 TI1-TPD4E110 Datasheet
8Mb / 19P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD4E110 TI1-TPD4E110_16 Datasheet
9Mb / 21P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
logo
Semtech Corporation
SLVE2.8 SEMTECH-SLVE2.8 Datasheet
194Kb / 7P
   EPD TVS??Diodes For ESD and Latch-Up Protection
logo
Texas Instruments
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
[Old version datasheet]   2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30_1012 TI1-TPD2EUSB30_1012 Datasheet
1Mb / 16P
[Old version datasheet]   2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
TPD2E009 TI-TPD2E009_10 Datasheet
1Mb / 15P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com