Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD3S014-Q1 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPD3S014-Q1
Description  Current Limit Switch and D/D??ESD Protection for Automotive USB Host Ports
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPD3S014-Q1 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPD3S014-Q1 Datasheet HTML 2Page - Texas Instruments TPD3S014-Q1 Datasheet HTML 3Page - Texas Instruments TPD3S014-Q1 Datasheet HTML 4Page - Texas Instruments TPD3S014-Q1 Datasheet HTML 5Page - Texas Instruments TPD3S014-Q1 Datasheet HTML 6Page - Texas Instruments TPD3S014-Q1 Datasheet HTML 7Page - Texas Instruments TPD3S014-Q1 Datasheet HTML 8Page - Texas Instruments TPD3S014-Q1 Datasheet HTML 9Page - Texas Instruments TPD3S014-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
TPD3S014-Q1
SLVSDG5B – MARCH 2016 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPD3S014-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Pulsed testing techniques maintain junction temperature approximately equal to ambient temperature
(2)
See the Current Limit section for explanation of this parameter.
(3)
These parameters are provided for reference only, and do not constitute part of TI’s published device specifications for purposes of TI’s
product warranty.
6.8 Electrical Characteristics: –40°C
≤ T
A ≤ 105°C
4.5 V
≤ VIN ≤ 5.5 V, VEN = VIN, IOUT = 0 A, typical values are at 5 V and 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
POWER SWITCH
RDS(on)
Input – output resistance
97
164
m
Ω
ENABLE INPUT (EN)
Threshold
Input rising
1
1.45
2
V
Hysteresis
0.13
V
Leakage current
VEN = 0 V
–1
0
1
µA
tON
Turnon time
VIN = 5 V, CL = 1 µF, RL = 100 Ω, EN ↑
See Figure 22
1
1.6
2.2
ms
tOFF
Turnoff time
VIN = 5 V, CL = 1 µF, RL = 100 Ω, EN ↓
See Figure 22
1.7
2.1
2.7
ms
tR
Rise time, output
CL = 1 µF, RL = 100 Ω, VIN = 5 V, See Figure 21
0.4
0.64
0.9
ms
tF
Fall time, output
CL = 1 µF, RL = 100 Ω, VIN = 5 V, See Figure 21
0.25
0.4
0.8
ms
CURRENT LIMIT
IOS
(2)
Current limit, see Figure 23
0.65
0.85
1.05
A
tIOS
Short-circuit response time(2)
VIN = 5 V (see Figure 23)
One Half full load
→ RSHORT = 50 mΩ Measure
from application to when current falls below
120% of final value
2
µs
SUPPLY CURRENT
ISD
Supply current, switch disabled
IOUT = 0 A
0.02
10
µA
ISE
Supply current, switch enabled
IOUT = 0 A
66
94
µA
IREV
Reverse leakage current
VOUT = 5.5 V, VIN = 0 V, Measure IVOUT
0.2
20
µA
UNDERVOLTAGE LOCKOUT
VUVLO
Rising threshold
VIN
3.5
3.77
4
V
Hysteresis
VIN
0.14
V
OUTPUT DISCHARGE
RPD
Output pull-down resistance
VIN = 4 V, VOUT = 5 V, Disabled
350
545
1200
Ω
VIN = 5 V, VOUT = 5 V, Disabled
300
456
800
THERMAL SHUTDOWN
TSHDN
Rising threshold (TJ)
In current limit
135
°C
Not in current limit
155
Hysteresis(3)
20
°C
ESD PROTECTION
II
Input leakage current (D1, D2)
VI = 3.3 V
0.02
1
µA
VD
Diode forward voltage (D1, D2);
Lower clamp diode
IO = 8 mA
0.95
V
VBR
Breakdown voltage (D1, D2)
IBR = 1 mA
6
V


Numéro de pièce similaire - TPD3S014-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD3S014 TI1-TPD3S014 Datasheet
2Mb / 29P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for USB Host Ports
TPD3S014DBVR TI1-TPD3S014DBVR Datasheet
2Mb / 29P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for USB Host Ports
TPD3S014 TI1-TPD3S014_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPD3S0x4 Current Limit Switch and D/D??ESD Protection for USB Host Ports
TPD3S014 TI1-TPD3S014_16 Datasheet
2Mb / 29P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for USB Host Ports
More results

Description similaire - TPD3S014-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD3S014 TI1-TPD3S014_16 Datasheet
2Mb / 29P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for USB Host Ports
TPD3S014 TI1-TPD3S014_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPD3S0x4 Current Limit Switch and D/D??ESD Protection for USB Host Ports
logo
ON Semiconductor
CM1240 ONSEMI-CM1240 Datasheet
79Kb / 6P
   Dual-Voltage ESD Protection Array for USB Ports
April 2010 ??Rev.3
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
Maxim Integrated Produc...
MAX1930 MAXIM-MAX1930 Datasheet
287Kb / 7P
   Current-Limited Switch for Two USB Ports
Rev 2; 11/02
logo
Microsemi Corporation
LX7203 MICROSEMI-LX7203 Datasheet
315Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
logo
Maxim Integrated Produc...
MAX14529 MAXIM-MAX14529 Datasheet
266Kb / 9P
   Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
MAX14529E MAXIM-MAX14529E Datasheet
197Kb / 9P
   Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
logo
Microsemi Corporation
LX7201 MICROSEMI-LX7201 Datasheet
351Kb / 6P
   EMI Filter & ESD Protection for Down Stream USB Ports
LX7202 MICROSEMI-LX7202 Datasheet
280Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com