Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD1S514-2YZR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPD1S514-2YZR
Description  Family USB Charger Over Voltage, Surge and ESD Protection for V(BUS) PIN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1S514-2YZR Fiches technique(HTML) 5 Page - Texas Instruments

  TPD1S514-2YZR Datasheet HTML 1Page - Texas Instruments TPD1S514-2YZR Datasheet HTML 2Page - Texas Instruments TPD1S514-2YZR Datasheet HTML 3Page - Texas Instruments TPD1S514-2YZR Datasheet HTML 4Page - Texas Instruments TPD1S514-2YZR Datasheet HTML 5Page - Texas Instruments TPD1S514-2YZR Datasheet HTML 6Page - Texas Instruments TPD1S514-2YZR Datasheet HTML 7Page - Texas Instruments TPD1S514-2YZR Datasheet HTML 8Page - Texas Instruments TPD1S514-2YZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TPD1S514x
www.ti.com
SLVSCF6E – APRIL 2014 – REVISED OCTOBER 2015
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VBUS_CON
Supply voltage from USB connector
TPD1S514-1
3.5
5
5.9
V
TPD1S514-2
3.5
9
9.9
TPD1S514-3
3.5
12
13.5
TPD1S514
3.5
5
5.9
VBUS_SYS
Internal Supply DC voltage Rail on
TPD1S514-1
3.9
5
5.9
V
the PCB
TPD1S514-2
3.9
9
9.9
TPD1S514-3
3.9
12
13.5
TPD1S514
3.9
5
5.9
CLOAD
Output load capacitance
VBUS_SYS pin
2.2
µF
CCON
Input capacitance
VBUS_CON pin
1
µF
CPOWER
Capacitance on VBUS_POWER
VBUS_POWER pin
1
µF
TA
Operating free-air temperature
–40
85
°C
7.4 Thermal Information
TPD1S514 Family
THERMAL METRIC(1)
YZ (WCSP)
UNIT
12 PINS
RθJA
Junction-to-ambient thermal resistance
89
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.6
°C/W
RθJB
Junction-to-board thermal resistance
16.3
°C/W
ψJT
Junction-to-top characterization parameter
2.7
°C/W
ψJB
Junction-to-board characterization parameter
16.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Supply Current Consumption
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
DEVICE NAME
TYP
MAX
UNIT
VBUS_CON = 5 V
TPD1S514-1
150
245
VBUS_CON = 9 V
TPD1S514-2
176
281
Measured at VBUS_CON pin,
IVBUS_SLEEP
µA
EN = 5 V
VBUS_CON = 12 V
TPD1S514-3
195
335
VBUS_CON = 5 V
TPD1S514
150
245
VBUS_CON Operating
Current Consumption
VBUS_CON = 5 V
TPD1S514-1
228
354
VBUS_CON = 9 V
TPD1S514-2
250
413
Measured at VBUS_CON pin,
IVBUS
µA
EN = 0 V and no load
VBUS_CON = 12 V
TPD1S514-3
270
456
VBUS_CON = 5 V
TPD1S514
228
354
VBUS_SYS = 5 V
TPD1S514-1
210
354
VBUS_SYS = 9 V
TPD1S514-2
250
424
VBUS_SYS Operating Current Measured at VBUS_SYS pin,
IVBUS_SYS
µA
Consumption
VBUS_CON = Hi-Z, EN = 0 V
VBUS_SYS = 12 V
TPD1S514-3
333
461
VBUS_SYS = 5 V
TPD1S514
210
354
VBUS_SYS = 5 V
TPD1S514-1
90
218
VBUS_SYS = 9 V
TPD1S514-2
290
491
Host Mode Leakage
Measured at VBUS_SYS pin,
IHOST_LEAK
µA
current
VBUS_CON = Hi-Z, EN = 5 V
VBUS_SYS = 12 V
TPD1S514-3
506
696
VBUS_SYS = 5 V
TPD1S514
90
218
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPD1S514x


Numéro de pièce similaire - TPD1S514-2YZR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD1S414 TI1-TPD1S414 Datasheet
1Mb / 18P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR VBUS_CON PIN
TPD1S414 TI1-TPD1S414 Datasheet
1Mb / 19P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR V
TPD1S414YZR TI1-TPD1S414YZR Datasheet
1Mb / 18P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR VBUS_CON PIN
TPD1S414 TI1-TPD1S414_14 Datasheet
1Mb / 19P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR V
More results

Description similaire - TPD1S514-2YZR

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Mitus, Inc.
SM5328B SILICONMITUS-SM5328B Datasheet
198Kb / 2P
   Over-Voltage Protection IC with ±100V Surge & ESD Protection
July 2021 - Rev. 1.0.1
logo
Harris Corporation
SP720 HARRIS-SP720 Datasheet
206Kb / 6P
   Electronic Protection Array for ESD and Over-Voltage Protection
SP721 HARRIS-SP721 Datasheet
176Kb / 6P
   ELECTRONIC PROTECTION ARRAY FOR ESD AND OVER-VOLTAGE PROTECTION
logo
Fairchild Semiconductor
FAN3988 FAIRCHILD-FAN3988 Datasheet
780Kb / 9P
   USB/Charger and Over-Voltage Detection Device
logo
ON Semiconductor
FAN3988 ONSEMI-FAN3988 Datasheet
644Kb / 8P
   USB/Charger and Over-Voltage Detection Device
September-2017,Rev.2
logo
Vishay Siliconix
VBUS053AZ-HAF VISHAY-VBUS053AZ-HAF Datasheet
84Kb / 6P
   USB-OTG BUS-Port ESD-Protection for VBUS = 12 V
Rev. 1.4, 16-Dec-10
VBUS053CZ-HAF VISHAY-VBUS053CZ-HAF Datasheet
163Kb / 6P
   USB-OTG BUS-Port ESD-Protection for VBUS = 28 V
Rev. 1.3, 23-May-11
VBUS053AZ-HAF VISHAY-VBUS053AZ-HAF_V01 Datasheet
120Kb / 7P
   USB-OTG BUS-Port ESD Protection for VBUS = 12 V
01-Jan-2022
VBUS053CZ-HAF VISHAY-VBUS053CZ-HAF_V01 Datasheet
176Kb / 7P
   USB-OTG BUS-Port ESD Protection for VBUS = 28 V
01-Jan-2022
VBUS053A-HAF VISHAY-VBUS053A-HAF Datasheet
119Kb / 7P
   USB-OTG BUS-Port ESD Protection for VBUS = 12 V
Rev. 1.7, 07-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com